Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL60 Datasheet(PDF) 2 Page - Weitron Technology

Part # LL60
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LL60 Datasheet(HTML) 2 Page - Weitron Technology

  LL60 Datasheet HTML 1Page - Weitron Technology LL60 Datasheet HTML 2Page - Weitron Technology LL60 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings ( TA=25 C Unless otherwise noted)
Characteristic
Pepetitive Peak Reverse Voltage
Symbol
VRRM
IFSM
LL60
LL60P
Unit
V
mA
TJ TSTG
-65 to +125
Electrical Characteristics ( TA=25 C Unless otherwise noted)
Characteristic
Symbol
Min
Tpy
Max
Unit
V
LL60/LL60P
Reverse Recovery Time
IR
IF=1 mA
Irr=1 mA,
IF=30 mA
IF=I =1mA ,
IF=200 mA
VF
IF
A
m
C
Forward Voltage
Cj
PF
WEITRON
http//www.weitron.com.tw
Forward Continuous Current, T =25 C
Non-Repetitive Peak Forward Surge Current
Operating and Strorage Temperature Range
,
40
150
30
50
500
45
LL60
LL60P
LL60
LL60P
LL60
LL60P
LL60
LL60P
Junction Capacitance
Rverse Current
VR=15V
Rc=100
VR=1V, f=1MHz
VR=10V, f=1MHz
Trr
0.32
0.24
0.65
0.65
0.1
0.5
2.0
R
6.0
1.0
0.5
1.0
0.5
0.5
1.0
1.0
uA
nS
-
-
-
-
-
-
-
-
-
-
-
-
@t=1S
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com