Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F243 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F243
Description  Quad transceiver, inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F243 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F243 Datasheet HTML 1Page - NXP Semiconductors 74F243 Datasheet HTML 2Page - NXP Semiconductors 74F243 Datasheet HTML 3Page - NXP Semiconductors 74F243 Datasheet HTML 4Page - NXP Semiconductors 74F243 Datasheet HTML 5Page - NXP Semiconductors 74F243 Datasheet HTML 6Page - NXP Semiconductors 74F243 Datasheet HTML 7Page - NXP Semiconductors 74F243 Datasheet HTML 8Page - NXP Semiconductors 74F243 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F242/74F243
Transceivers
1990 Aug 30
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC = MIN,
VIL = MAX
IO = 3mA
±10%VCC
2.4
V
V
High level output voltage
VIL = MAX,
VIH = MIN
IOH = –3mA
±5%VCC
2.7
3.3
V
VOH
High-level output voltage
VCC = MIN,
VIL = MAX
I
= 15mA
±10%VCC
2.0
3.2
V
VIL = MAX,
VIH = MIN
IOL = –15mA
±5%VCC
2.0
3.1
V
V
Low level output voltage
VCC = MIN,
VIL = MAX
I
=MAX
±10%VCC
0.55
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOH=MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at
A0–A3, B0–B3
VCC = MAX, VI = 5.5V
1
mA
II
maximum input voltage
OEA, OEB
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
OEA, OEB
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
only
VCC = MAX, VI = 0.5V
–1
mA
IIH+IOZH
Off-state output current
High-level voltage applied
VCC = MAX, VO = 2.7V
70
µA
I +I
Off-state output current
Low-level voltage
74F242
V
= MAX V =0 5V
–1.0
mA
IIL+IOZL
Low-level voltage
applied
74F243
VCC = MAX, VO = 0.5V
–1.6
mA
IOS
Short-circuit output current3
VCC = MAX
–100
–225
mA
ICCH
22
35
mA
74F242
ICCL
VCC = MAX
40
55
mA
ICC
Supply current (total)
ICCZ
32
45
mA
ICC
Supply current (total)
ICCH
64
80
mA
74F243
ICCL
VCC = MAX
64
90
mA
ICCZ
71
90
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com