Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L113 Datasheet(PDF) 2 Page - C&K Components

Part # L113
Description  Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

L113 Datasheet(HTML) 2 Page - C&K Components

  L113 Datasheet HTML 1Page - C&K Components L113 Datasheet HTML 2Page - C&K Components L113 Datasheet HTML 3Page - C&K Components L113 Datasheet HTML 4Page - C&K Components L113 Datasheet HTML 5Page - C&K Components L113 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
I
L Series
Miniature Slide Switches
SWITCH AND LOCK FUNCTION
ACTUATOR
.200
5,08
Cap part number 7089
Cap part number 8018
Cap part number 7982
Cap part number 8940
14  PLUNGER WITH CAP
13  PLUNGER WITHOUT CAP
12 SCREWDRIVER SLOT
03  .375” HIGH
02  .335” HIGH
01  .200” HIGH
05  .312” HIGH
11  .100” HIGH
15  PLUNGER WITH CAP
17  PLUNGER WITH CAP
19  PLUNGER WITH CAP
OPTION
CODE
ACTUATOR CAP
COLORS
2
BLACK
NONE
01-13 ACTUATORS
NO.
POLES
MODEL
NO.
SWITCH FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
SP
L101
SPST
ML, MS, SS
L102
SPDT
ML, MS, SS
L112
SPDT-MOM.
ML, MS,MV, SS
L103
SP3T
MA, MS, TS
L113
SP3T-MOM. to one end
MA, MS, TS
L123
SP3T-MOM. to both ends
MA, MS, TS
L104
SP4T
MS
NO.
POLES
MODEL
NO.
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
DP
L201
DPST
MA, MS, SS
L202
DPDT
MA, MS, SS
L212
DPDT-MOM.
MV
L203
DP3T
MS, TS
L204
DP4T
MS
NOTE:
and MOM. in table indicates momentary action.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Contacts make on side actuator thrown.
NOTE: No actuator color option code is required. Standard actuator color is
black, other colors and heights available, consult Customer Service Center.
See pages I-20 and I-22 for available mounting styles.
ACTUATOR CAPS
Caps supplied are not installed standard. To order actuator options ‘14 thru 19,’ select
desired cap color from chart and place option code in last box of ordering format. Leave box
empty for all other actuator options. Caps may also be ordered separately and user installed,
see pages I-23 and I-24. Specify the four digit part number and desired cap color. For
switches without caps, order ‘13’ or ‘23’ actuator option. Cap finish: gloss (excluding square
cap part number 7982, finish: matte).
Other colors available,
consult Customer Service Center.
ACTUATOR OPTIONS FOR ‘MS, MA, ML, SS, & TS’ MOUNTING STYLES
ACTUATOR OPTIONS FOR ‘MV’ MOUNTING STYLE
ACTUATOR
CAP COLOR
1 2 3
19 Mar 2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com