Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW Datasheet(PDF) 4 Page - C&K Components

Part # LCW
Description  Subminiature Sealed Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCW Datasheet(HTML) 4 Page - C&K Components

  LCW Datasheet HTML 1Page - C&K Components LCW Datasheet HTML 2Page - C&K Components LCW Datasheet HTML 3Page - C&K Components LCW Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J
J–47
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
LCW Series
Subminiature Sealed Snap-acting Switches
TERMINATIONS
S  SOLDER
Q  QUICK CONNECT 2.8mm / 0.110”
P  PC THRU HOLE
CIRCUITRY
C  SPDT (Single Pole, Double Throw)
W  SPST N.C. (Single Pole, Single Throw, Normally Closed)
Y  SPST N.O. (Single Pole, Single Throw, Normally Open)
W  “A” WIRE ORIENTATION OUT THE BOTTOM
“W” CIRCUITRY
W  “B” WIRE ORIENTATION OUT THE RIGHT SIDE
“W” CIRCUITRY
NEW
26 Feb 19



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com