Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF Datasheet(PDF) 3 Page - C&K Components

Part # TF
Description  Mid Size Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF Datasheet(HTML) 3 Page - C&K Components

  TF Datasheet HTML 1Page - C&K Components TF Datasheet HTML 2Page - C&K Components TF Datasheet HTML 3Page - C&K Components TF Datasheet HTML 4Page - C&K Components TF Datasheet HTML 5Page - C&K Components TF Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J
J–8
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
TF Series
Mid Size Snap-acting Switches
ELECTRICAL RATING
MOUNTING STYLE
S STANDARD
For 4-40 screw size
• AVAILABLE
x NOT AVAILABLE
** Available with 4A & 5A terminations only, see page J-10.
All models
Consult Customer Service center for availability and delivery of
nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.
OPERATING FORCE
ELECTRICAL
AMPS
CC
CD
CF
CG
CJ
EC
EE
RATING
(REF.)
(15)
(25)
(50)
(75)
(150)
(225) (400)
F5
1
•
•
•
•
•
•
H8
5
•
•
•
•
•
•
•
J3
21
X
X
X
X
•
•
•
J6
15
X
X
X
X
•
•
•
K6
11
X
•
•
•
•
•
•
L3
20
X
X
X
X
•
•
•
V Metric
For 3 mm screw size



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com