Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFSERIESSNAP Datasheet(PDF) 3 Page - C&K Components

Part # TFSERIESSNAP
Description  Miniature Snap-acting Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TFSERIESSNAP Datasheet(HTML) 3 Page - C&K Components

  TFSERIESSNAP Datasheet HTML 1Page - C&K Components TFSERIESSNAP Datasheet HTML 2Page - C&K Components TFSERIESSNAP Datasheet HTML 3Page - C&K Components TFSERIESSNAP Datasheet HTML 4Page - C&K Components TFSERIESSNAP Datasheet HTML 5Page - C&K Components TFSERIESSNAP Datasheet HTML 6Page - C&K Components TFSERIESSNAP Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
21 AMPS @ 277 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC;
16 (3) AMPS @ 250 V~m T85 10E3 (VDE).
Fine silver.
Silver Cadmium Oxide.
V4
5 AMPS @ 277 V AC; 1/10 HP @ 125 & 250 V AC (UL/CSA).
5 (2) AMPS @ 250 V~m T85 50E3 (VDE).
11 AMPS @ 277 V AC; 1/3 HP @ 125 & 250 V AC; 0.5 AMP @ 125 V DC;
0.25 AMP @ 250 V DC (UL/CSA). 10 (3) AMPS @ 250 V~m 50E3 T85 (VDE).
Fine silver.
Fine silver.
V2
V3
From low level* to 1 AMP @ 125 V AC; 1 AMP @ 30 V DC (UL/CSA).
0.1 (0.05) AMP @ 250 V~m T85 50E3 (VDE).
Gold alloy.
Gold alloy.
V1
INTERNATIONAL ELECTRICAL RATING
CONTACT MATERIAL
MOVABLE CONTACT
STATIONARY CONTACT
OPTION CODE
J-7
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K TF Series
Miniature Snap-acting Switches
ELECTRICAL RATING
MOUNTING STYLE
Third Angle
Projection
B
STACKABLE COVER (METRIC)
For 3mm screw size
S (STD.)
For 4-40 screw size
NOTE: V1-V4 ratings available with ‘5A or 5B’terminal styles only.
First number represents resistive
rating; second number represents
inductive (motor) rating.
10(3)
Cycles over 10,000 at rated current.
10E3
Cycles over 50,000 at rated current.
50E3
Maximum rated use temperature.
T_ _
Alternating current.
~
Microgap construction
(less than 3 mm).
m
INTERNATIONAL RATING SYMBOLS
xxxxx
16
V4
x
x
x
•••••
11
V3
x
x
••••••
5
V2
••••••
x
x
1
V1
xxxx
x
20
L3
xxxxxx
x
25
L1**
x
•••••••
11
K6
x
x
••
x
•••
10
K3
xxxx
••••
15
J6
xxxxx
21
J3
••••••••
5
H8
••••••••
3
H5
••••••••
1
F5
OPERATING FORCE
CC
CD
CF
CG
CH
CJ
EC
EE
(15)
(25)
(50)
(75)
(120)
(150)
(225)
(400)
AMPS
(REF.)
ELECTRICAL
RATING
J
• AVAILABLE
x NOT AVAILABLE
** Available with 4A & 5A terminations only, see page J-11.
All models
with all options,
.
Consult Customer Service center for availability and delivery of
nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com