Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2836 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBD2836
Description  Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD2836 Datasheet(HTML) 2 Page - Weitron Technology

  MMBD2836 Datasheet HTML 1Page - Weitron Technology MMBD2836 Datasheet HTML 2Page - Weitron Technology MMBD2836 Datasheet HTML 3Page - Weitron Technology MMBD2836 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD2836 / MMBD2838
MMBD7000
Unit
Characteristic
Symbol
Min
Max
Electrical Characteristics (TA=25 C Unless Otherwise Note) (Each Diode)
Off Characteristics
µAdc
Reverse Breakdown Voltage
µAdc
(IBR=100
)
MMBD7000
Reverse Voltage Leakage Current
VR=50V, TJ=125 C
VR=50V
MMBD2836/MMBD2838
MMBD2836/MMBD2838
MMBD7000
VBR
IR
75
100
Vdc
VR=100V
MMBD7000
MMBD7000
0.1
1.0
3.0
100
-
-
Maximum Ratings (EACH DIODE)
Characteristic
Reverse Voltage
Forward Current
Peak Forward Surge Current
Symbol
VR
Unit
Volts
MMBD2836 MMBD2838
MMBD7000
75
100
200
500
mAdc
mAdc
IF
IFM
100
Thermal Characteristics
Characteristic
Symbol
Total Device Dissipation FR-5
Board *1, TA=25 C
Derate Above 25 C
Total Device Dissipation
Alumina Substrate*2 TA=25 C
Derate Above 25 C
PD
PD
Max
Unit
Thermal Resistance Junction to Ambient
Thermal Resistance Junction to Ambient
Junction and Storage Temperature
R JA
TJ, Tstg
225
1.8
556
300
2.4
417
-55 to + 150
mW
mW/ C
mW
mW/ C
C/W
C/W
C
*1 ER-5=1.0x0.75x0.062 in
*2 Alumina=0.4x0.3x0.024 in 99.5% Alumina
q
R JA
q
WEITRON
http://www.weitron.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com