Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBT2907
Description  PNP General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT2907 Datasheet(HTML) 2 Page - Weitron Technology

  MMBT2907 Datasheet HTML 1Page - Weitron Technology MMBT2907 Datasheet HTML 2Page - Weitron Technology MMBT2907 Datasheet HTML 3Page - Weitron Technology MMBT2907 Datasheet HTML 4Page - Weitron Technology MMBT2907 Datasheet HTML 5Page - Weitron Technology MMBT2907 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (1),(2)
(IC= -50 mAdc,VCE -=20 Vdc, f=100MHz)
Output Capacitance
(VCB= -10 Vdc, IE=0, f=1.0MHz)
Input Capacitance
(VEB= -2.0 Vdc, IC=0, f=1.0MHz)
fT
Cobo
Cibo
200
-
-
-
-
-
8.0
30
MHz
pF
pF
DC Current Gain
(IC= -0.1 mAdc,VCE= -10 Vdc)
(IC= -1.0 mAdc,VCE= -10 Vdc)
(IC= -10 mAdc,VCE= -10 Vdc)
(IC= -150 mAdc,VCE= -10 Vdc)
(IC= -500 mAdc,VCE= -10 Vdc)
MMBT2907
MMBT2907A
MMBT2907
MMBT2907A
MMBT2907
MMBT22907A
MMBT2907
MMBT22907A
MMBT2907
MMBT2907A
Collector-Emitter Saturation Voltage
(IC= -150 mAdc, IB= -15mAdc)
(IC= -500 mAdc, IB= -50mAdc)
Base-Emitter Saturation Voltage
(IC= -150 mAdc, IB= -15mAdc)
(IC= -500 mAdc, IB= -50mAdc)
hFE
VCE(sat)
VBE(sat)
Vdc
Vdc
-1.3
-2.6
-0.4
-1.6
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
MMBT2907
MMBT2907A
35
75
50
100
75
100
100
30
50
300
ELECTRICAL CHARACTERISTICS
(TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
SWITCHING CHARACTERISTICS
Delay Time
Rise Time
Turn-Out Time
Storage Time
Fall Time
(VCC= -30 Vdc, IC= -150 mAdc, IB1= -15 mAdc)
(VCC= -60 Vdc, IC= -150 mAdc,
IB1=IB2= -15 mAdc)
td
tr
ts
tf
-
-
-
-
-
-
45
10
40
100
ns
1.Pulse Test:Pulse Width=300 µs, Duty Cycle 2.0%.
2.fT is defined as the frequency at which hfe extrapolates to unity.
Turn-On Time
toff
<
ton
80
30
-
-
-
-
-
-
-
-
-
-
-
-
WEITRON
http://www.weitron.com.tw
_



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com