Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2830XMF
Description  High Frequency 1.0A Load - Step-Down DC-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2830XMF Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2830XMF Datasheet HTML 16Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 17Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 18Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 19Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 20Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 21Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 22Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 23Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LM2830X Dual Converters with Delayed Enabled Design Example 6
Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1, U2
1.0A Buck Regulator
NSC
LM2830X
U3
Power on Reset
NSC
LP3470M5X-3.08
C1, C3 Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, C4 Output Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C7
Trr delay capacitor
TDK
D1, D2 Catch Diode
0.3V
f Schottky 1.5A, 30VR
TOSHIBA
CRS08
L1, L2
3.3µH, 1.3A
Coilcraft
ME3220-332
R2, R4, R5
10.0k
Ω, 1%
Vishay
CRCW08051002F
R1, R6
45.3k
Ω, 1%
Vishay
CRCW08054532F
R3
100k
Ω, 1%
Vishay
CRCW08051003F
20197462
FIGURE 11. LM2830X (1.6MHz): Vin = 5V, Vo = 1.2V @ 1.0A & 3.3V @1.0A
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com