Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F259 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F259
Description  Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F259 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F259 Datasheet HTML 1Page - NXP Semiconductors 74F259 Datasheet HTML 2Page - NXP Semiconductors 74F259 Datasheet HTML 3Page - NXP Semiconductors 74F259 Datasheet HTML 4Page - NXP Semiconductors 74F259 Datasheet HTML 5Page - NXP Semiconductors 74F259 Datasheet HTML 6Page - NXP Semiconductors 74F259 Datasheet HTML 7Page - NXP Semiconductors 74F259 Datasheet HTML 8Page - NXP Semiconductors 74F259 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F259
Latch
2
1989 Apr 11
853–0362 06316
FEATURES
• Combines demultiplexer and 8-bit latch
• Serial-to-parallel capability
• Output from each storage bit available
• Random (addressable) data entry
• Easily expandable
• Common reset input
• Useful as 1-of-8 active-High decoder
DESCRIPTION
The 74F259 addressable latch has four distinct modes of operation
which are selectable by controlling the Master Reset (MR) and
Enable (E) inputs (see Function Table). In the addressable latch
mode, data at the Data inputs is written into the addressed latches.
The addressed latches will follow the Data input with all
unaddressed latches remaining in their previous states. In the store
mode, all latches remain in their previous states and are unaffected
by the Data or Address inputs. To eliminate the possibility of entering
erroneous data in the latches, the enable should be held High
(inactive) while the address lines are changing. In the 1-of-8
decoding or demultiplexing mode (MR=E=Low), addressed outputs
will follow the level of the Data input, with all other outputs Low. In
the Master Reset mode, all outputs are Low and unaffected by the
Address and Data inputs.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
A0
A1
A2
Q0
Q1
Q2
Q3
GND
MR
E
D
Q7
Q6
Q5
Q4
SF00823
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT (TOTAL)
74F259
7.5ns
31mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F259N
SOT38-4
16-pin plastic SO
N74F259D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D
Data input
1.0/1.0
20
µA/0.6mA
A0, A1, A2
Address inputs
1.0/1.0
20
µA/0.6mA
E
Enable input (active Low)
1.0/1.0
20
µA/0.6mA
MR
Master Reset inputs (active Low)
1.0/1.0
20
µA/0.6mA
Q0 – Q7
Data outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com