Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDF005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RDF005
Description  1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RDF005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RDF005 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDF005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1.0 Amp FAST RECOVERY
SINGLE PHASE SILICON BRIDGE
NOTES: 1. Reverse Recovery Cond., I
F = .5A, IR = 1.0A, IRR = .25A.
Page 3-6
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Electrical Description
AC In
DC Out
Typical Instantaneous Forward Characteristics
Typical Reverse Characteristics
Non-Repetitive
Peak Forward Surge Current
60
50
40
30
20
10
0
2
4 6
10
20
60
100
Number of Cycles @ 60 HZ
1
.1
.01
.4 .6 .8 1.0 1.2 1.4
1.0
.1
.01
0
Percent of Rated Peak Voltage
60
120
Forward Current Derating Curve
Ambient Temperature (°°°°°C)
20 40 60 80 100 120 140
1.0
.5
160
T
J = 25°
°°°°C
.2
Volts
1
10
Typical Junction Capacitance
10
5
100
T
J = 25 °
°°°°C
F = 1 MHZ
V
SIG = 50m Vpp
100
Reverse Voltage (Volts)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com