Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLST47 Datasheet(PDF) 1 Page - API Delevan

Part # LLST47
Description  Surface Mount Power Toroid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LLST47 Datasheet(HTML) 1 Page - API Delevan

  LLST47 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
83
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
2.600
2.250
2.150
2.050
1.900
1.780
1.780
1.780
1.450
1.190
1.000
1.000
1.000
0.985
0.890
0.795
0.795
0.710
0.710
0.650
0.600
0.550
0.500
0.035
0.050
0.055
0.060
0.070
0.080
0.080
0.080
0.120
0.180
0.250
0.250
0.250
0.260
0.325
0.400
0.400
0.500
0.500
0.625
0.700
0.850
1.000
Series LLST Low Loss
Surface Mount Power Toroid
50.0
45.0
40.0
35.0
25.0
20.0
15.0
12.0
10.0
8.0
7.0
6.0
5.0
4.0
3.5
3.2
3.0
2.5
2.0
1.9
1.8
1.7
1.5
6.10
4.10
3.20
3.00
2.80
2.60
2.30
2.20
1.80
1.40
1.40
1.10
0.98
0.98
0.90
0.80
0.80
0.78
0.68
0.62
0.50
0.50
0.50
4.00
2.80
2.10
1.90
1.70
1.60
1.40
1.30
1.00
0.80
0.80
0.64
0.56
0.56
0.54
0.46
0.46
0.46
0.38
0.36
0.28
0.28
0.26
4.7
10
15
18
22
25
27
33
47
75
100
125
140
150
175
200
220
270
300
350
400
450
500
Physical Parameters
Inches
Millimeters
A
0.475 ±.020
12.07 ±0.50
B
0.420 ±.020
10.67 ±0.50
C
0.290 Max.
7.37 Max.
D
0.400 Ref.
7.62 Ref.
E
0.075 Ref.
1.91 Max.
F
0.375 ±0.020
9.53 ±0.50
Operating Temperature Range –40°C to +125°C
Power Dissipation 0.285 Max. (Watts)
Weight Max. (Grams) 2.00
Packaging Bulk only
1
DC CURRENT IN AMPS
10
20
30
40
50
02
3456789
10
11
12
500
400 &
450
350
300
270
220
200
175
150
140
125
100
75
47
33
27
25
22
18
15
10
4.7
SERIES LLST
LLST4R7
LLST10
LLST15
LLST18
LLST22
LLST25
LLST27
LLST33
LLST47
LLST75
LLST100
LLST125
LLST140
LLST150
LLST175
LLST200
LLST220
LLST270
LLST300
LLST350
LLST400
LLST450
LLST500
Current Rating Based on a 35° C max. rise from 90°C ambient.
Material High Saturation Nickel/Iron Core.
Inductance Tested at an AC drive level which does not affect the
initial permeability of the core, the DC drive level was 0 amps.
Incremental Current The DC current which reduces the
inductance value to the percentage drop tabulated.
Terminals Coated with a 90/10 tin/lead plating.
Inductor Base Formed from a high temperature thermoplastic
capable of withstanding approx. 600°F for short periods of time.
Marking API, Inductance, and Date Code.
For more detailed graphs, contact factory


Similar Part No. - LLST47

ManufacturerPart #DatasheetDescription
logo
API Delevan
LLST47 API-LLST47 Datasheet
2Mb / 1P
Low Loss Surface Mount Power Toroid
More results

Similar Description - LLST47

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-20436K RHOMBUS-IND-L-20436K Datasheet
40Kb / 1P
SMPS Inductor - Toroid Mount Package
7/29/96
L-20588 RHOMBUS-IND-L-20588 Datasheet
40Kb / 1P
SMPS Inductor - Toroid Mount Package
11/29/99
logo
Allied Components Inter...
SMTC2110-1R0M-RC ALLIED-SMTC2110-1R0M-RC Datasheet
1Mb / 1P
SURFACE MOUNT HIGH CURRENT TOROID
logo
API Delevan
LLSTR API-LLSTR Datasheet
2Mb / 1P
Low Loss Surface Mount Power Toroid
logo
Coilcraft lnc.
DMT2-20-12L COILCRAFT-DMT2-20-12L Datasheet
348Kb / 2P
Output Power Chokes - Toroid Styles
logo
Allied Components Inter...
SMTC2110 ALLIED-SMTC2110 Datasheet
1Mb / 2P
SURFACE MOUNT HIGH CURRENT TOROID
logo
Coilcraft lnc.
DMT COILCRAFT-DMT_13 Datasheet
312Kb / 2P
Output Power Chokes ??Toroid Styles
logo
XFMRS Inc.
S2610001 XFMRS-S2610001 Datasheet
80Kb / 1P
TOROID
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
Toroid power inductors
logo
Hammond Manufacturing L...
1182S24 HAMMOND-1182S24 Datasheet
180Kb / 5P
Toroid Power Transformers
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com