Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SMP2
Description  Surface Mount Power Cross Protection Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMP2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SMP2 Datasheet HTML 1Page - Bel Fuse Inc. SMP2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26-Aug-03
Typical Cold
Resistance
Volt-drop
@100% In
Melting I²T
< 10 mSec
Melting I²T
@ 10 In
Maximum
Power
(ohm)
(Volt) max.
(A² Sec)
(A² Sec)
Dissipation
(w)
SMP 2
2A
600V
0.055
0.20
14.0
17.0
0.71
Consult manufacturer for other ratings
SURGE WITHSTAND RATINGS
Voltage
Peak
Surge
Current
1000V
120A
2500V
500A
5000V
500A
Double -exponential Impulse Waveform
Electrical Characteristics (UL STD. 248-14)
Power Cross (Telecom) Rating
Minimum
Maximum
110%
600V
1.1 sec
900 sec
200%
600V
0.4 sec
2.5sec
500%
600V
N/A
65 msec
1000%
600V
N/A
13 msec
Safety Agency Approvals
Approval Standards
File No.
Power
Factor
Physical specification
Materials
Ceramic Body / Tin Plated Brass Caps
Lead Free Solder
Marking
On fuse: "bel", "Current Rating"
On label: Above info; "Type", "Voltage Rating", "Appropriate Safety Logos"
Environmental Specifications
Interrupting Rating plus "
"
Soldering Techniques & Compatability
Packaging
2000 fuses in 13 inches dia. Reel, 16mm wide tape, 8mm pitch, per EIA standard 481
Reflow: 240°C, 30sec max.
Wave Solder: 260°C, 3 sec max.
Mechanical Dimensions
Shock
MIL-STD-202, Method 213, Test Condition I
(100 G's peak for 6 milliseconds).
Vibration
MIL-STD-202, Method 201 (10-55 Hz, 0.06 inch, total excursion).
Salt Spray
MIL-STD-202, Method 101, Test condition B (48 hrs).
Insulation Resistance
MIL-STD-202, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum.
Solderability
MIL-STD-202, Method 208.
Resistance to solder Heat:
MIL-STD-202, Method 210, Test Condition J (235°C, 30 sec)
Thermal Shock
MIL-STD-202, Method 107, Test Condition B
(-65°C to +125°C)
Operating Temperature
-55°C to +125°C
Specification Subject To Change Without Notice
Clearing Time Limit
3A
7A
30A
Voltage
60A
Overload Current
Catalog
Number
Ampere
Rating
Voltage
Rating
Maximum
Rise/Duration
Time
Repetitions
10 uS x 1000 uS
100 Pulses ( 50 Each Polarity)
2 uS x 10 uS
40 Pulses ( 20 Each Polarity)
2 uS x 10 uS
4 Pulses ( 2 Each Polarity)
Testing Current
Blow Time
Minimum
Maximum
4 hrs.
N/A
N/A
60 sec
Recognized File
no. E20624
60A@ 600Vac
Resistive
Telecom Protection
100A@ 125Vdc
Resistive
General Purpose
Interrupting Rating
Intended Application
100 msec
1.5 sec
30 msec
300 msec
SMP
bel 2A
defining a degree of excellence
0.1 Ip
b
T2
T1
T0
a
(Peak Value) Ip
Current
Time
A=Rise Time=T1-T0 (1.25(b-a)
B= Duration =T2-T0
Waveform Duration Of A/B Seconds
Type SMP 2A
Surface Mount Power Cross Protection Fuse
SMP Surface mount Power Cross Protection Fuses are primarily
intended for use in telecommunication circuit applications requiring low
current protection with high surge tolerance. They are typically used to
replace heat coil type devices. They are designed to be placed between
the line input and the surge arresting components (mov. gas tube,
zenor diode, air gaps, etc.)
These fuses will withstand transient surge currents generated by
lighting in accordance with the attached table.
SMP fuses guard protected circuitry against sustained overload or
short circuit conditions. Such sustained overloads may be generated by
accidental contact between utility cables and phone lines (power line
cross).
SMP Fuse are used in circuits to obtain compliance with the test
requirements specified in UL 1950/60950 and Bellcore GR 1089.


Similar Part No. - SMP2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMP2 BEL-SMP2 Datasheet
542Kb / 2P
SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP2 BEL-SMP2 Datasheet
476Kb / 4P
Surface Mount Power Cross Protection Fuse
logo
List of Unclassifed Man...
SMP2-UWD ETC2-SMP2-UWD Datasheet
789Kb / 5P
PLCC2 SMD Top View Package LED SMP2-UWD, WHITE
logo
Vishay Siliconix
SMP20 VISHAY-SMP20 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP20 VISHAY-SMP20 Datasheet
95Kb / 4P
Surface Mount TRANSZORB® Transient Voltage Suppressors
20-Oct-08
More results

Similar Description - SMP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
Telefuse SMD Power Cross Protection Fuse
logo
Bel Fuse Inc.
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
Surface Mount Power Cross Protection Fuse
RJS100 BEL-RJS100 Datasheet
91Kb / 2P
Telecom - Power Cross Protection & Ballast Protection
SMP BEL-SMP Datasheet
542Kb / 2P
SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP BEL-SMP_12 Datasheet
476Kb / 4P
Surface Mount Power Cross Protection Fuse
logo
Bourns Electronic Solut...
B0500T BOURNS-B0500T_09 Datasheet
309Kb / 2P
Telefuse SMD Power Cross Protection Fuse
logo
NIC-Components Corp.
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
Surface Mount Fuse
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
Surface Mount Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com