Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL30C
Description  DC/DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30C Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL30C Datasheet HTML 1Page - Artesyn Technologies SIL30C Datasheet HTML 2Page - Artesyn Technologies SIL30C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL30C Series
12Vin single output
DC/DC CONVERTERS
C Class Non-isolated
2
NEW Product
Notes
1
Uses external resistor from TRIM to output ground. See Application Note
132 for details.
2
Measured with external filter. See Application Note 132 for details.
3
di/dt = 10A/µs, Vin = Nom, Tc = 25°C, load change = 0.5 lo max tp 0.75
lo max and 0.75 lo max to 0.5 lo max.
4
External input fusing is recommended.
5
Power up is the time from application of DC input to POWER GOOD high.
Remote ON/OFF asserted high to POWER GOOD high.
6
Signal line assumed <3m.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
See Application Note 132 for operation above 50ºC.
9
See Application Note 132 for ripple current requirements.
10 The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL30C-12SADJ-H.
11 This model has a wide trim output of between 0.9V to 5V. An external
resistor adjusts the output voltage
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(11)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(10)
(MAX.)
(MIN.)
(MAX.)
150W
10.2-13.8VDC
N/A
0.9V - 5V
0A
30A
91%
±0.2%
±1.0%
SIL30C-12SADJ-V
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
TRIM
13
Vin
2
No Pin
14
Vin
3Ground
15
Vout
4
Power Good
16
Vout
5
Not Connected
17
Ground
6
Current Share
18
Vout
7Ground
19
Ground
8Ground
20
Vout
9
Remote ON/OFF
21
Ground
10
Remote sense (GND)
22
Vout
11
Remote sense (O/P)
23
Ground
12
Vin
24
Vout
File Name: SIL30C.PDF Rev: 04 Mar 2003
SIL30C-12SADJ-V
Part Number System with Options
Rated Output Current
30 = 30Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SIL = Single In Line
Performance
C= Cost Optimised
Input Voltage
12 = 10.2V - 13.8V
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL30C-12SADJ. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9V to 5.0V. When the SIL30C-12SADJ converter
leaves the factory the output has been adjusted to the default voltage of 0.9V
Output Voltage Adjustment of the SIL30C-12SADJ Series
Mounting Option
V = Vertical Mount
H= Horizontal Mount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com