Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL15
Description  15A Non-Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15 Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL15 Datasheet HTML 1Page - Artesyn Technologies SIL15 Datasheet HTML 2Page - Artesyn Technologies SIL15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL15 Series
Single output
DC/DC CONVERTERS
15A Non-Isolated DC/DC Converters
3
NEW Product
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: ✔ Application Note ✔ Longform Data Sheet
www.artesyn.com
Mechanical
Support
Pin 2 places
0.150
(3.81) Ref
0.120
(3.05)
13 places
1.200
(30.48)
0.025
(0.64) Typ
Pin 1
Pin 11
0.062
(1.57) Ref
0.475
±0.025
(12.08
±0.64)
0.260
±0.015
(6.70
±0.40)
1.100
(27.94)
1.050
(26.67)
0.100
(2.54)
9 places
0.150
(3.81)
0.050
(1.27)
2 places
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
Figure 1: Mechanical Drawing - Horizontal Mount Version
0.40
±0.025
(10.186
±0.635)
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
0.26
±0.015
(6.704
±0.381)
0.062
(1.57) Ref
0.075
(1.91)
1.200
(30.48)
0.025
(0.64) Typ
Pin 11
Pin 1
0.050
(1.27) Typ
0.025
(0.64) Typ
1.050
(26.67)
0.100
(2.54)
9 Places
3.81
(0.150)
0.050
(1.27)
Figure 2: Mechanical Drawing - Vertical Mount Version
File Name: SIL15.PDF Rev: 10 Dec 2002



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com