Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL10 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL10
Description  8 to 33W Non-isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL10 Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL10 Datasheet HTML 1Page - Artesyn Technologies SIL10 Datasheet HTML 2Page - Artesyn Technologies SIL10 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL10 Series
Single output
DC/DC CONVERTERS
8 to 33W Non-isolated DC/DC Converters
3
NEW Product
0.170 (4.32)
0.316
±0.008
(8.03
±0.20)
PCB
SIDE VIEW
PIN VIEW
2.000
±0.020
(50.80
±0.50)
0.100 (2.54)
1.900 (48.26)
0.050 (1.27)
0.500 (12.70)
J1
J2
1
53
62
1
54 3
2
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Place
±0.15
3 Place
±0.006
Figure 1: Mechanical Drawing - Horizontal Mount Version
Figure 2: Mechanical Drawing - Vertical Mount Version
1.900 (48.26)
0.050 (1.27)
0.100 (2.54)
2.000
±0.020
(50.80
±0.50)
FRONT VIEW
0.500 (12.70)
0.635 (16.13)
0.135 (3.43)
PCB
0.168 (4.26)
SIDE VIEW
0.307
±0.008
(7.80
±0.20)
J1
J2
15
4
3
2
15
6
3
2
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Place
±0.15
3 Place
±0.006
Data Sheet © Artesyn Technologies® 2003
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: ✔ Application Note ✔ Longform Data Sheet
www.artesyn.com
File Name: SIL10.PDF Rev: 02 Jan 2003



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com