Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL06C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL06C
Description  DC/DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL06C Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL06C Datasheet HTML 1Page - Artesyn Technologies SIL06C Datasheet HTML 2Page - Artesyn Technologies SIL06C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
1
di/dt = 10A/µs, Vin = Nom, Tc = 25°C, load change = 0.5 lo max. to 0.75
lo max. and 0.75 lo max. to 0.5 lo max.
2
Measured with external filter. See Application Note 131 for details.
3
Power up is the time from application of DC input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to Power Good
enabled
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL06C-05SADJ-H.
6
Measured as per recommended set-up. Cin = 270µF (20mΩ esr max.).
Cout = 680µF (10mΩ esr max.).
7
Uses external resistor from trim to output ground. Minimum value 485Ω
for 5V model, 280Ω for 12V model. See Applications Note 131 for
details.
8
Signal line assumed <3m.
9
External input fusing recommended.
10 See Application Note 131 for operation above 50ºC.
11 See Application Note 131 for more details.
12 These models have a wide trim output. 5Vin has an output of 0.9V to
3.3V and 12 Vin has an output of 0.9V to 5V. An external resistor adjusts
the output voltage.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
SIL06C Series
5Vin and 12Vin single output
DC/DC CONVERTERS
C Class Non-isolated
2
NEW Product
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(12)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(5)
(MAX.)
(MIN.)
(MAX.)
20W
4.5-5.5VDC
N/A
0.9V - 3.3V
0A
6A
89%
±0.2%
±0.5%
SIL06C-05SADJ-V
30W
10.2-13.8VDC
N/A
0.9V - 5.0V
0A
6A
91%
±0.2%
±0.5%
SIL06C-12SADJ-V
Ripple and Noise Specification
Output
Model
Voltage
Pk - Pk
RMS
5V input models
0.9 to 2.5V
30mV
15mV
3.3V
40mV
15mV
12V input models
0.9 to 2.5V
40mV
20mV
3.3 to 5V
50mV
20mV
File Name: SIL06C.PDF Rev: 04 Mar 2003
SIL06C-12SADJ-V
Part Number System with Options
Rated Output Current
06 = 6Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SIL = Single in Line
Performance
C= Cost Optimised
Input Voltage
05 = 4.5V - 5.5V
12 = 10.2V - 13.8V
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL06C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9V to 5.0V. When the SIL06C series converter leaves
the factory the output has been adjusted to the default voltage of 0.9V
Output Voltage Adjustment of the SIL06C Series
Mounting Option
V = Vertical Mount
H= Horizontal Mount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com