Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2832 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2832 Datasheet HTML 7Page - National Semiconductor (TI) LM2832 Datasheet HTML 8Page - National Semiconductor (TI) LM2832 Datasheet HTML 9Page - National Semiconductor (TI) LM2832 Datasheet HTML 10Page - National Semiconductor (TI) LM2832 Datasheet HTML 11Page - National Semiconductor (TI) LM2832 Datasheet HTML 12Page - National Semiconductor (TI) LM2832 Datasheet HTML 13Page - National Semiconductor (TI) LM2832 Datasheet HTML 14Page - National Semiconductor (TI) LM2832 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Applications Information
THEORY OF OPERATION
The LM2832 is a constant frequency PWM buck regulator IC
that delivers a 2.0A load current. The regulator has a preset
switching frequency of 1.6MHz or 3.0MHz. This high fre-
quency allows the LM2832 to operate with small surface
mount capacitors and inductors, resulting in a DC/DC con-
verter that requires a minimum amount of board space. The
LM2832 is internally compensated, so it is simple to use and
requires few external components. The LM2832 uses
current-mode control to regulate the output voltage. The
following operating description of the LM2832 will refer to the
Simplified Block Diagram (Figure 1) and to the waveforms in
Figure 2. The LM2832 supplies a regulated output voltage by
switching the internal PMOS control switch at constant fre-
quency and variable duty cycle. A switching cycle begins at
the falling edge of the reset pulse generated by the internal
oscillator. When this pulse goes low, the output control logic
turns on the internal PMOS control switch. During this on-
time, the SW pin voltage (V
SW) swings up to approximately
V
IN, and the inductor current (IL) increases with a linear
slope. I
L is measured by the current sense amplifier, which
generates an output proportional to the switch current. The
sense signal is summed with the regulator’s corrective ramp
and compared to the error amplifier’s output, which is pro-
portional to the difference between the feedback voltage and
V
REF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins.
During the switch off-time, inductor current discharges
through the Schottky catch diode, which forces the SW pin to
swing below ground by the forward voltage (V
D)ofthe
Schottky catch diode. The regulator loop adjusts the duty
cycle (D) to maintain a constant output voltage.
SOFT-START
This function forces V
OUT to increase at a controlled rate
during start up. During soft-start, the error amplifier’s refer-
ence voltage ramps from 0V to its nominal value of 0.6V in
approximately 600 µs. This forces the regulator output to
ramp up in a controlled fashion, which helps reduce inrush
current.
OUTPUT OVERVOLTAGE PROTECTION
The over-voltage comparator compares the FB pin voltage
to a voltage that is 15% higher than the internal reference
V
REF. Once the FB pin voltage goes 15% above the internal
reference, the internal PMOS control switch is turned off,
which allows the output voltage to decrease toward regula-
tion.
UNDERVOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM2832 from
operating until the input voltage exceeds 2.73V (typ). The
UVLO threshold has approximately 430 mV of hysteresis, so
the part will operate until V
IN drops below 2.3V (typ). Hys-
teresis prevents the part from turning off during power up if
V
IN is non-monotonic.
CURRENT LIMIT
The LM2832 uses cycle-by-cycle current limiting to protect
the output switch. During each switching cycle, a current limit
comparator detects if the output switch current exceeds
3.25A (typ), and turns off the switch until the next switching
cycle begins.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning
off the output switch when the IC junction temperature ex-
ceeds 165˚C. After thermal shutdown occurs, the output
switch doesn’t turn on until the junction temperature drops to
approximately 150˚C.
20197566
FIGURE 2. Typical Waveforms
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com