Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAD347-RXB Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TOAD347-RXB
Description  Optical Communication Devices 2.5Gb/s Optical Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOAD347-RXB Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TOAD347-RXB Datasheet HTML 1Page - Toshiba Semiconductor TOAD347-RXB Datasheet HTML 2Page - Toshiba Semiconductor TOAD347-RXB Datasheet HTML 3Page - Toshiba Semiconductor TOAD347-RXB Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series
DIMENSIONAL OUTLINE AND PIN ASSIGNMENT
Unit
˚C
˚C
mA
µA
V
˚C / s
Unit
Note
d = +3.3 V to +5 V)
mA
V
nA
dBm
(1)
dBm
(1)
GHz
(2)
(3)
ps
dB
(4)
mVpp
(5)
dB
(6)
dB
(7)
k
(8)
Thermistor
DATA OUT (
−)
GND
Vdd (+3.3 V to +5 V)
Pin Assignment (TOAD347-RXC)
1
2
3
4
5
6
7
8
Vapd
GND
DATA OUT (+)
GND
Pin
Pin
Function
Function
GND
DATA OUT (
−)
GND
Vdd (+3.3 V to +5 V)
Pin Assignment (TOAD347-RXB)
1
2
3
4
5
6
7
8
Vapd
GND
DATA OUT (+)
GND
Pin
Pin
Function
Function
(Unit: mm)
PRECAUTIONS
(a) Power supply: Transient electric spike may cause a damage to the photodiode or IC chips.
A surge-free power supply and a slow starter circuit should be used.
To avoid causing an electrical surge, pins should not be connected or disconnected on the test fixture
before turning the power off.
(b) The product should be grounded for obtaininng the performance.
7.87
7.37
1
4
5max
4.32
6.7
ø4.2
5
8
(1.68)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com