Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F273AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F273AD
Description  Octal D flip-flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F273AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74F273AD Datasheet HTML 1Page - NXP Semiconductors 74F273AD Datasheet HTML 2Page - NXP Semiconductors 74F273AD Datasheet HTML 3Page - NXP Semiconductors 74F273AD Datasheet HTML 4Page - NXP Semiconductors 74F273AD Datasheet HTML 5Page - NXP Semiconductors 74F273AD Datasheet HTML 6Page - NXP Semiconductors 74F273AD Datasheet HTML 7Page - NXP Semiconductors 74F273AD Datasheet HTML 8Page - NXP Semiconductors 74F273AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F273A
Octal D flip–flop
1996 Mar 12
3
LOGIC SYMBOL (IEEE/IEC)
SF00348
1
32
4
5
7
6
8
9
R
11
C1
13
12
14
15
17
16
18
19
1D
LOGIC DIAGRAM
CP
Q
RD
D
3
D0
Q0
CP
Q
RD
D
4
D1
CP
Q
RD
D
7
D2
CP
Q
RD
D
8
D3
CP
Q
RD
D
13
D4
CP
Q
RD
D
14
D5
CP
Q
RD
D
17
D6
CP
Q
RD
D
18
D7
2
Q1
5
Q2
6
Q3
9
Q4
12
Q5
15
Q6
16
Q7
19
11
1
CP
MR
VCC = Pin 20
GND = Pin 10
SF00349
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
MR
CP
Dn
Q0 – Q7
MODE
L
X
X
L
Reset (clear)
H
↑
h
H
Load ”1”
H
↑
l
L
Load ”0”
H = High voltage level
h
= High voltage level one set–up time prior to the Low–to–High clock transition
L
= Low voltage level
l
= Low voltage level one set–up time prior to the Low–to–High clock transition
X = Don’t care
↑ = Low–to–High clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com