Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F2952 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F2952
Description  Registered transceiver, non-inverting 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2952 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F2952 Datasheet HTML 1Page - NXP Semiconductors 74F2952 Datasheet HTML 2Page - NXP Semiconductors 74F2952 Datasheet HTML 3Page - NXP Semiconductors 74F2952 Datasheet HTML 4Page - NXP Semiconductors 74F2952 Datasheet HTML 5Page - NXP Semiconductors 74F2952 Datasheet HTML 6Page - NXP Semiconductors 74F2952 Datasheet HTML 7Page - NXP Semiconductors 74F2952 Datasheet HTML 8Page - NXP Semiconductors 74F2952 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F2952, 74F2953
Transceivers
74F2952
Registered transceiver, non-inverting (3-State)
74F2953
Registered transceiver, inverting (3-State)
2
1989 Sep 22
853–1097 97708
FEATURES
• 8-bit registered transceivers
• Two 8-bit, back-to-back registers store data moving in both
directions between two bidirectional buses
• Separate Clock, Clock Enable and 3-State Enable provided for
each register
• 74F2952 non-inverting
• 74F2953 inverting
• AM2952/2953 functional equivalent
• ‘A’ outputs sink 24mA and source 3mA
• ‘B’ outputs sink 64mA and source 15mA
• 300 mil wide 24-pin Slim DIP package
DESCRIPTION
The 74F2952 and 74F2953 are 8-bit registered transceivers. Two
8-bit back-to-back registers store data flowing in both directions
between two bi-directional buses. Data applied to the inputs is
entered and stored on the rising edge of the Clock (CPXX) provided
that the Clock Enable (CEXX) is Low. The data is then present at
the 3-State output buffers, but is only accessible when the Output
Enable (OEXX) is Low. Data flow from ‘A’ inputs to ‘B’ outputs is the
same as for ‘B’ inputs to ‘A’ outputs.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F2952
160MHz
105mA
74F2953
160MHz
105mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PACKAGE
DRAWING
NUMBER
24-pin Plastic Slim DIP (300mil)
N74F2952N, N74F2953N
SOT222-1
24-pin Plastic SOL1
N74F2952D, N74F2953D
SOT137-1
28-pin Plastic Leaded Chip Carrier
N74F2952A, N74F2953A
SOT261-2
NOTE:
1. Thermal mounting techniques are recommended. See
SMD Process Applications for a discussion of thermal consideration for surface
mounted devices.
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A7
Port A, 3-State inputs
3.5/1.0
70
µA/0.6mA
B0 – B7
Port B, 3-State inputs
3.5/1.0
70
µA/0.6mA
CPAB, CPBA
Clock inputs
1.0/1.0
20
µA/0.6mA
CEAB, CEBA
Clock Enable inputs
1.0/1.0
20
µA/0.6mA
OEAB, OEBA
Output Enable inputs
1.0/1.0
20
µA/0.6mA
A0 – A7
Port A, 3-State outputs
150/40
3.0mA/24mA
B0 – B7
Port B, 3-State outputs
750/106.7
15mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com