Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888CG Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP888CG Datasheet HTML 1Page - National Semiconductor (TI) COP888CG Datasheet HTML 2Page - National Semiconductor (TI) COP888CG Datasheet HTML 3Page - National Semiconductor (TI) COP888CG Datasheet HTML 4Page - National Semiconductor (TI) COP888CG Datasheet HTML 5Page - National Semiconductor (TI) COP888CG Datasheet HTML 6Page - National Semiconductor (TI) COP888CG Datasheet HTML 7Page - National Semiconductor (TI) COP888CG Datasheet HTML 8Page - National Semiconductor (TI) COP888CG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
General Description (Continued)
The device is a fully static part fabricated using double-met-
al silicon gate microCMOS technology Features include an
8-bit memory mapped architecture MICROWIREPLUSTM
serial IO three 16-bit timercounters supporting three
modes (Processor Independent PWM generation External
Event counter and Input Capture mode capabilities) full du-
plex UART and two comparators Each IO pin has software
selectable configurations The devices operates over a volt-
age range of 27V to 55V High throughput is achieved with
an efficient regular instruction set operating at a maximum
rate of 1 ms per instruction
TABLE I COP888CGEG Family Members
ROMEPROM
RAM
Key
Device
(Bytes)
(Bytes)
Common
Features
COP888CG
4k ROM
192
3 Timers
COP888EG
8k ROM
256
UART
COP87L84EG 8k OTP EPROM
256
1 Comparator
COP87L84RG 32k OTP EPROM
256
Dual-In-Line Package
Note
-X
Crystal Oscillator
-E
Halt Enable
TLDD12872 – 2
Top View
Order Number COP87L84RGM-XE or COP87L84RGN-XE
See NS Package Number M28B or N28B
FIGURE 2 Connection Diagrams
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com