Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F2953 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F2953
Description  Registered transceiver, non-inverting 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2953 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F2953 Datasheet HTML 4Page - NXP Semiconductors 74F2953 Datasheet HTML 5Page - NXP Semiconductors 74F2953 Datasheet HTML 6Page - NXP Semiconductors 74F2953 Datasheet HTML 7Page - NXP Semiconductors 74F2953 Datasheet HTML 8Page - NXP Semiconductors 74F2953 Datasheet HTML 9Page - NXP Semiconductors 74F2953 Datasheet HTML 10Page - NXP Semiconductors 74F2953 Datasheet HTML 11Page - NXP Semiconductors 74F2953 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F2952, 74F2953
Transceivers
1989 Sep 22
8
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
145
160
135
MHz
tPLH
tPHL
Propagation delay
CPBA or CPAB to An or Bn
Waveform 1
3.0
3.5
5.0
6.0
7.5
8.5
2.5
3.5
8.0
9.0
ns
tPZH
tPZL
Output Enable time
OEBA or OEAB to An or Bn
Waveform 3
Waveform 4
2.0
3.5
4.5
6.0
7.0
9.5
2.0
3.0
8.0
10.0
ns
tPHZ
tPLZ
Output Disable time
OEBA or OEAB to An or Bn
Waveform 3
Waveform 4
2.0
1.5
4.0
3.5
8.0
6.5
1.5
1.0
9.0
7.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
An or Bn to CPAB or CPBA
74F2952
Waveform 2
4.5
3.5
5.0
4.0
ns
ts(H)
ts(L)
Setup time, High or Low
An or Bn to CPAB or CPBA
74F2953
Waveform 2
4.0
3.5
4.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
An or Bn to CPAB or CPBA
Waveform 2
0.0
0.0
0.0
0.0
ns
ts(H)
ts(L)
Setup time, High or Low
CEAB, CEBA to CPAB, CPBA
Waveform 2
0.0
4.0
0.0
4.0
ns
th(H)
th(L)
Hold time, High or Low
CEAB, CEBA to CPAB, CPBA
Waveform 2
2.5
2.5
2.5
3.0
ns
tw(H)
tw(L)
CPAB or CPBA pulse width,
High or Low
Waveform 1
3.0
3.5
3.0
3.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com