Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F280 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F280
Description  9-bit odd/even parity generator/checker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F280 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F280 Datasheet HTML 1Page - NXP Semiconductors 74F280 Datasheet HTML 2Page - NXP Semiconductors 74F280 Datasheet HTML 3Page - NXP Semiconductors 74F280 Datasheet HTML 4Page - NXP Semiconductors 74F280 Datasheet HTML 5Page - NXP Semiconductors 74F280 Datasheet HTML 6Page - NXP Semiconductors 74F280 Datasheet HTML 7Page - NXP Semiconductors 74F280 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F280B
9-bit odd/even parity generator/checker
2
1996 Mar 12
853-0363 16555
FEATURES
• High-impedance NPN base inputs for reduced loading
(20
µA in Low and High states)
• Buffered inputs — one normalized load
• Word length easily expanded by cascading
• Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F280B is a 9-bit Parity Generator or Checker commonly used
to detect errors in high speed data transmission or data retrieval
systems. Both Even (
∑E) and Odd (∑O) parity outputs are available
for generating or checking even or odd parity on up to 9 bits.
The Even (
∑E) parity output is High when an even number of Data
inputs (I0 - I8) are High. The Odd (∑O) parity output is High when an
odd number of Data inputs are High.
Expansion to larger word sizes is accomplished by tying the Even
(
∑E) outputs of up to nine parallel devices to the data inputs of the
final stage. This expansion scheme allows an 81-bit data word to be
checked in less than 20ns.
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCC
I5
I4
I3
I2
I1
I0
I6
I7
I8
ΣE
GND
NC
ΣO
SF00849
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F280B
5.5ns
26mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%,
Tamb = –40°C to +85°C
PKG. DWG. #
14-pin plastic DIP
N74F280BN
I74F280BN
SOT27-1
14-pin plastic SO
N74F280BD
I74F280BD
SOT108-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I0 - I8
Data inputs
1.0/0.033
20
µA/20µA
∑E, ∑O
Parity outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
8
9
10 11
12 13
1
2
4
56
ΣO
ΣE
I0 I1 I2 I3 I4 I5 I6 I7 I8
SF00845
IEC/IEEE SYMBOL
8
9
10
11
12
13
1
2
4
5
6
ΣO
ΣE
VCC=Pin 14
GND=Pin 7
2K
SF00846



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com