Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712M Datasheet(PDF) 11 Page - Galaxy Power, Inc.

Part # ICS1712M
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712M Datasheet(HTML) 11 Page - Galaxy Power, Inc.

Back Button ICS1712M Datasheet HTML 7Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 8Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 9Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 10Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 11Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 12Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 13Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 14Page - Galaxy Power, Inc. ICS1712M Datasheet HTML 15Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
ICS1712
Charge Rate Selection: SEL0, SEL1 Pins
The SEL0 and SEL1 inputs must be programmed by the user to
inform the ICS1702 of the desired charge rate. When a low level is
required, the pin must be grounded. When a high level is required,
no connection is required since each pin has an internal 75k
Ω pull-
up to V
DD
. The voltage ranges for low (L) and high (H) are listed in
Table 8, DC Characteristics. To program the SEL0 and SEL1
inputs, refer to the Charge Rate List in Table 3.
The ICS1712 does not control the current flowing into the battery
in any way other than turning it on and off. The required current
for the selected charge rate must be provided by the user’s power
source. The external charging circuitry should provide current at
the selected charge rate. For example, to charge a 1.2 ampere hour
battery in 30 minutes (2C), approximately 2.4 amperes of current is
required.
Table 3: Charge Rate List
SEL0
SEL1
Charge Rate
Topping Charge
pulse Rate
Maintenance Charge Pulse
Rate
Fast Charge Timer
Duration (after reset)
L
L
4C (15 min)
one every 40 sec
one every 160 sec
30 min
L
H
2C (30 min)
one every 20 sec
one every 80 sec
60 min
H
L
1C (60 min)
one every 10 sec
one every 40 sec
90 min
H
H
C/2 (120 min)
one every 5 sec
one every 20 sec
210 min
See the section on Controller Operation for additional information on the topping charge and maintenance charge. See the section on Charge Termination
Methods for additional information on the charge timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com