Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1712MT Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # ICS1712MT
Description  Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1712MT Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  ICS1712MT Datasheet HTML 1Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 2Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 3Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 4Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 5Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 6Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 7Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 8Page - Galaxy Power, Inc. ICS1712MT Datasheet HTML 9Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
ICS1712
Pin Configuration
Pin Definitions
ICS1712
CHG
DCHG
PFN
OTN
CMN
AVSS
RC
DTSEL
THERM
VIN
VDD
SEL0
VSS
MRN
SEL1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
unused
16-Pin DIP or SOIC
Pin
Number
Pin Name
Type
Definition
1
CHG
OUT
Active high TTL compatible signal used to turn on an external current source to provide current to
charge the battery.
2
DCHG
OUT
Active high TTL compatible signal available to turn on a discharge circuit.
3
PFN
OUT
Polling fault indicator. An active low turns on an external indicator to show the controller is either
polling for the presence of the battery or has determined the battery has been removed.
4
CMN
OUT
Charge mode indicator. A continuous low shows the controller is in a soft start or fast charge. The
indicator flashes during the topping and maintenance charges.
5
OTN
OUT
Out-of-temperature range indicator. An active low turns on an external indicator showing the battery is
out of the normal fast charge temperature range.
6
SEL0
IN
Input used with the SEL1 pin to program the device for the desired charge rate.
7
VSS
Ground.
8
AVSS
Ground.
9
SEL1
IN
Input used with the SEL0 pin to program the device for the desired charge rate.
10
MRN
IN
Master reset signal. A logic low pulse greater than 700 ms initiates a device reset.
11
RC
IN
An external resistor and capacitor sets the frequency of the internal clock.
12
DTSEL
IN
Selects temperature slope and/or voltage slope termination
13
THERM
IN
Thermistor or thermal switch input for temperature sensing.
14
VIN
IN
Battery voltage normalized to one cell with an external resistor divider.
15
unused
Ground.
16
VDD
Device supply =+5.0 VDC
Note:
Pins 6, 9, 10 and 13 have an internal pull-up.
Pin 12 has an internal pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com