Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5550 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBT5550
Description  High Voltage NPN Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT5550 Datasheet(HTML) 2 Page - Weitron Technology

  MMBT5550 Datasheet HTML 1Page - Weitron Technology MMBT5550 Datasheet HTML 2Page - Weitron Technology MMBT5550 Datasheet HTML 3Page - Weitron Technology MMBT5550 Datasheet HTML 4Page - Weitron Technology MMBT5550 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC Current Gain
Collector Cutoff Current
Emitter Cutoff Current
(IC=1.0 mAdc, VCE=5.0 Vdc)
(IC=10 mAdc, VCE=5.0 Vdc)
(IC=50 mAdc, VCE=5.0 Vdc)
Collector-Emitter Saturation Voltage
(IC=10 mAdc, IB=1.0mAdc)
(IC=50 mAdc, IB=5.0mAdc)
Base-Emitter Saturation Voltage
hFE
VCE(sat)
VBE(sat)
-
-
-
-
-
-
-
-
-
-
-
Vdc
Vdc
ON CHARACTERISTICS
OFF CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
60
80
20
30
60
80
250
250
0.15
0.25
0.20
1.0
1.2
1.0
WEITRON
http://www.weitron.com.tw
MMBT5550
MMBT5551
100 Vdc,
4.0
EBO
uAdc
IE= 0
nAdc
nAdc
CB
120 Vdc,IE= 0
CB
100 Vdc,IE= ,
0
CB
T = 100 C
A
100 Vdc,IE= ,
0
Vdc,IC=0
CB
EB
T = 100 C
A
MMBT5550
MMBT5551
MMBT5550
MMBT5551
MMBT5550
Both Types
MMBT5551
(IC=10 mAdc, IB=1.0mAdc)
(IC=50 mAdc, IB=5.0mAdc)
MMBT5550
Both Types
MMBT5551
MMBT5550
MMBT5551
MMBT5550
MMBT5551
MMBT5550
MMBT5551
100
50
100
50
50
1. FR-5=1.0 x 0.75 x 0.062 in
2. Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2.0%
I
CBO
I
Unit
Max
Min
Symbol
Characteristics
V
V
V
V
V
(
(
(
(
(
)
)
)
)
)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com