Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBTH10
Description  NPN Silicon VHF/UHF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTH10 Datasheet(HTML) 3 Page - Weitron Technology

  MMBTH10 Datasheet HTML 1Page - Weitron Technology MMBTH10 Datasheet HTML 2Page - Weitron Technology MMBTH10 Datasheet HTML 3Page - Weitron Technology MMBTH10 Datasheet HTML 4Page - Weitron Technology MMBTH10 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTH10
WEITRON
http://www.weitron.com.tw
FIG.1 Rectangular Form
FIG.2 Polar Form
0
20
40
60
0
80
100
70
60
50
40
30
20
0
10
30
50
70
10
200
300
400
500
700
1000
80
1000 MHz
100
200
400
700
gib
i b
600
FIG.3 Rectangular Form
FIG.4 Polar Form
60
30
20
10
50
40
100
200
300
400
500
700
1000
0
30
20
10
40
70
60
50
bfb
fb
100
200
400
700
1000 MHz
f, FREQUENCY (MHz)
FIG.5 Rectangular Form
FIG.6 Polar Form
-2. 0
-1. 2
-0. 4
0.4
0
1. 2
2.0
-1. 8
-0. 8
0
0. 8
1.6
100
4.0
3.0
1.0
0
200
300
400 500
700
1000
5.0
2.0
-brb
-grb
100
200
400
700
1000 MHz
f, FREQUENCY(MHz)
gib(mmhos)
f, FREQUENCY(MHz)
gfb(mmhos)
grb(mmhos)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com