Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA13 Datasheet(PDF) 2 Page - Weitron Technology

Part # MPSA13
Description  Plastic-Encapsulate Transistros NPN Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MPSA13 Datasheet(HTML) 2 Page - Weitron Technology

  MPSA13 Datasheet HTML 1Page - Weitron Technology MPSA13 Datasheet HTML 2Page - Weitron Technology MPSA13 Datasheet HTML 3Page - Weitron Technology MPSA13 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WE IT R ON
WEITRON
http://www.weitron.com.tw
F igure 1. C apacitance
VR, REVERSE VOL TAGE (VOLTS)
5.0
7.0
10
20
3.0
F igure 2. High F requency C urrent G ain
IC, COLLECTOR CURRENT (mA)
F igure 3. DC C urrent G ain
IC, COLLECTOR CURRENT (mA)
F igure 4. C ollector S aturation R egion
IB, BASE CURRENT ( µA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25 C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0 2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25 C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0 10
20
30
50 70 100
200 300
500
TJ = 125 C
25 C
-55 C
VCE = 5.0 V
0.1 0.2 0.5 1.0 2.0
5.0 10 20
50 100 200 500 1000
TJ = 25 C
IC = 10 mA 50 mA
250 mA 500 mA
F igure 5. " On" Voltages
IC, COLLECTOR CURRENT (mA)
F igure 6. Temperature C oefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
-1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20
30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25 C
VBE(on)@ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
-2.0
-3.0
-4.0
-5.0
-6.0
5.0 7.0 10
20 30
50 70 100
200 300
500
25 C TO 125 C
-55 C TO 25 C
*R VC FOR VCE(sat)
VB FOR VBE
25 C TO 125 C
-55 C TO 25 C
*APPLIES FOR IC/IB 3 hFE/3.0
MPSA13/MPSA14
2/4
17-Jun-05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com