Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS21 Datasheet(PDF) 2 Page - Weitron Technology

Part # MS21
Description  Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MS21 Datasheet(HTML) 2 Page - Weitron Technology

  MS21 Datasheet HTML 1Page - Weitron Technology MS21 Datasheet HTML 2Page - Weitron Technology MS21 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectifier Forward Current
Peak Repetitive Forward Current
(Rate VR,Square Wave, 20 KHz)
Non-Repetitive Peak Square Current
(Surge Applied atRated Load Condition
Halfware, Single Phase, 60Hz)
Perating and Storage Junction
Temperature Range
VRRM
VRWM
VR
VR(RMS)
IF(AV)
IFM
IFSM
TJ,TSTG
40
UNIT
V
14
21
28
V
3.0
3.0
100
-65 to + 125
A
A
A
C
Characteristic
Electrical Characteristic
Maximum Instantaneous Reverse
Current
(Rated DC Voltage, Tc=25 C)
(Rated DC Voltage, Tc=100 C)
Maximum Instanatneous Forward
Voltage
(IF=3.0Amp)
Symbol
UNIT
Typical Junction Capacitance
(VR=40V, f=1.0MHz)
VF
IR
CP
V
mA
pF
0.5
80
300
Symbol
20
30
MS20
MS21
MS22
MS20
MS21
MS22
0.475
0.500
0.525
MS20 thru MS22
WEITRON
WEITRON
http://www.weitron.com.tw
2/3
18-Oct-05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com