Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD965
Description  isc NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD965 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD965 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD965 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD965 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc NPN Silicon Transistor
2SD965
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BVCBO
Collector-Base breakdown Voltage
Ic= 0.1mA,I=0
40
V
BVCEO
Collector-Emitter breakdown Voltage
Ic=1mA,ls=0
20
V
BVEBO
Emitter-Base breakdown Voltage
lE=10uA,Ic=0
6
V
ICBO
Collector Cutoff Current
VCB= 30V; IE= 0
0.1
uA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
0.1
uA
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A ;IB= 0.1A
1
V
hFE1
DC Current Gain
IC= 0.5A ; VCE= 2V
230
950
hFE2
DC Current Gain
IC= 2A ; VCE= 2V
150
fT
Current-Gain—Bandwidth Product
IC= 50mA ; VCE= 6V ;f=30MHZ
150
MHz
hFE Classification
Marking
Q
R
T
hFE
230-380
340-600
560-950



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com