Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZA-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADL6337ACRZA-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZA-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADL6337ACRZA-R7 Datasheet HTML 32Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZA-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Data Sheet
ADL6337
REGISTER DETAILS
analog.com
Rev. B | 36 of 41
Table 39. Bit Descriptions for AMPS_IP3_ATTSEL
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
AMP2_IP3_OFF_3
Turn Off AMP2 IP3 Currents ATTSEL11
0x0
R/W
5
AMP2_IP3_OFF_2
Turn Off AMP2 IP3 Currents ATTSEL10
0x0
R/W
4
AMP2_IP3_OFF_1
Turn Off AMP2 IP3 Currents ATTSEL01
0x0
R/W
3
RESERVED
Reserved
0x0
R
2
AMP1_IP3_OFF_3
Turn Off AMP1 IP3 Currents ATTSEL11
0x0
R/W
1
AMP1_IP3_OFF_2
Turn Off AMP1 IP3 Currents ATTSEL10
0x0
R/W
0
AMP1_IP3_OFF_1
Turn Off AMP1 IP3 Currents ATTSEL01
0x0
R/W
Address: 0x111, Reset: 0x55, Name: TRM_AMPS_IREF_1
Table 40. Bit Descriptions for TRM_AMPS_IREF_1
Bits
Bit Name
Description
Reset
Access
[7:4]
TRM_AMP2_IREF_1
Amp 2 IREF Trim ATTSEL01
0x5
R/W
[3:0]
TRM_AMP1_IREF_1
Amp 1 IREF Trim ATTSEL01
0x5
R/W
Address: 0x112, Reset: 0x55, Name: TRM_AMPS_IREF_2
Table 41. Bit Descriptions for TRM_AMPS_IREF_2
Bits
Bit Name
Description
Reset
Access
[7:4]
TRM_AMP2_IREF_2
Amp 2 IREF Trim ATTSEL10
0x5
R/W
[3:0]
TRM_AMP1_IREF_2
Amp 1 IREF Trim ATTSEL10
0x5
R/W
Address: 0x113, Reset: 0x55, Name: TRM_AMPS_IREF_3
Table 42. Bit Descriptions for TRM_AMPS_IREF_3
Bits
Bit Name
Description
Reset
Access
[7:4]
TRM_AMP2_IREF_3
Amp 2 IREF Trim ATTSEL11
0x5
R/W
[3:0]
TRM_AMP1_IREF_3
Amp 1 IREF Trim ATTSEL11
0x5
R/W
Address: 0x114, Reset: 0x18, Name: DSA_ATTSEL_1
Table 43. Bit Descriptions for DSA_ATTSEL_1
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
[5:0]
DSA_ATTEN_1
DSA Attenuator Setting ATTSEL01 When TXENP = 1
DSA2
000000 (0): 0.00 dB
000001 (1): 0.51 dB
000010 (2): 1.02 dB
000011 (3): 1.53 dB
000100 (4): 2.04 dB
000101 (5): 2.55 dB
000110 (6): 3.05 dB
000111 (7): 3.56 dB
001000 (8): 4.07 dB
001001 (9): 4.58 dB
001010 (10): 5.09 dB
001011 (11): 5.59 dB
001100 (12): 6.10 dB
001101 (13): 6.61 dB
001110 (14): 7.12 dB
001111 (15): 7.63 dB
0x18
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com