Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N74F322N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74F322N
Description  8-bit serial/parallel register with sign extend 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F322N Datasheet(HTML) 8 Page - NXP Semiconductors

  N74F322N Datasheet HTML 1Page - NXP Semiconductors N74F322N Datasheet HTML 2Page - NXP Semiconductors N74F322N Datasheet HTML 3Page - NXP Semiconductors N74F322N Datasheet HTML 4Page - NXP Semiconductors N74F322N Datasheet HTML 5Page - NXP Semiconductors N74F322N Datasheet HTML 6Page - NXP Semiconductors N74F322N Datasheet HTML 7Page - NXP Semiconductors N74F322N Datasheet HTML 8Page - NXP Semiconductors N74F322N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
Product specification
74F322
8-bit serial/parallel register with sign extend (3-State)
1988 Apr 22
8
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
tPLH
tPHL
VM
VM
VM
1/fMAX
tW(L)
CP
Q7, I/On
tW(H)
SF00878
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
tPHL
tW(L)
tREC
VM
Q7, I/On
CP
MR
SF00879
Waveform 2. Master Reset Pulse Width, Master Reset to Output
Delay, and Master Reset to Clock Recovery Time
VM
VM
VM
VM
ts(H)
th(H)
th(L)
ts(L)
VM
VM
RE, D0,
D1, I/On,
SE, S/P, S
CP
SF00880
Waveform 3. Data Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
RE, S/P, OE
I/On
VOH -0.3V
0V
SF00881
Waveform 4. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
I/On
VOL +0.3V
SF00882
RE, S/P, OE
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com