Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546JZHEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI5USB2546JZHEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI5USB2546JZHEX Datasheet HTML 1Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 2Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 3Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 4Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 5Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 6Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 7Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 8Page - Diodes Incorporated PI5USB2546JZHEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
USB Charging Port Controller and Load Detection Power Switch
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
1
© Diodes Incorporated
PI5USB2546J
Features
 Supports CDP/DCP Modes per USB Battery Charging
Specification 1.2
 Supports Shorted Mode per Chinese Telecommunication
Industry Standard YD/T1591-2009
 Supports non-BC1.2 Charging Modes by Automatic
Selection
Divider-1A mode
Divider-2A mode
DCP-1.2V mode
 Supports Sleep-Mode Charging and Mouse/Keyboard
Wake up
 Load Detection for Power Supply Control in S4/S5
Charging and Port Power Management in all Charge
Modes
 Compatible with USB 2.0/3.0 Power Switch Requirements
 Integrated 73-mΩ (Typ.) High-Side MOSFET
 Adjustable Current-Limit up to 3A(Typ.)
 Operating Range:4.5V to 5.5V
 Max Device Current
2μA at Device Disabled
270μA at Device Enabled
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen- and Antimony-Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Device Package:
16-pin, ZHD (UQFN)
16-pin, ZH (TQFN)
UL Listed and CB File No. US-24707-M2-UL
Description
The PI5USB2546J is a USB charging port controller and
power switch with an integrated USB 2.0 high-speed data line
(D+/D–) switch. The PI5USB2546J provides the electrical
signatures on D+/D– to support charging schemes listed
under device feature section. This series is compatible with
both popular BC1.2 compliant and non-BC1.2 compliant
devices.
The PI5USB2546J fully supports system wake up (from S3)
with a mouse/keyboard (both low speed and full speed). The
PI5USB2546J also supports two distinct power management
features, namely, power wake and port power management
(PPM) through /STATUS pin. Power wake allows for power
supply control in S4/S5 charging and PPM manages port
power in a multi-port application.
The PI5USB2546J 73-mΩ power-distribution switch is
intended for applications where heavy capacitive loads and
short-circuits
are
likely
to
be
encountered.
Two
programmable current thresholds provide flexibility for
setting current limits and load-detect thresholds.
Applications
 USB Ports (Host and Hubs)
 Notebook and Desktop PCs
 Universal Wall Charging Adapters
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI5USB2546JZHEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546AQZHEX DIODES-PI5USB2546AQZHEX Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
logo
Pericom Semiconductor C...
PI5USB2546AZHEX PERICOM-PI5USB2546AZHEX Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
More results

Similar Description - PI5USB2546JZHEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com