Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS Datasheet(PDF) 2 Page - Weitron Technology

Part # SD103CWS
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SD103CWS Datasheet(HTML) 2 Page - Weitron Technology

  SD103CWS Datasheet HTML 1Page - Weitron Technology SD103CWS Datasheet HTML 2Page - Weitron Technology SD103CWS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings ( TA=25 C Unless otherwise noted)
Characteristic
Reverse Voltage
Peak Repetitive
Working Peak Reverse Voltage
DC Blocking Voltage
Typical thermal Resistance junction to
Ambient Note (1)
Symbol
VRRM
VRWM
VR
VR(RMS)
IFSM
SD103AWS
SD103CWS
SD103BWS
Unit
40
20
V
V
A
mA
Operating & Storage Temperature Range
TJ TSTG
-55 to +125
E lectr ical C har acter istics ( TA=25 C Unless otherwise noted)
Characteristic
Symbol
V(BR)R
Unit
V
Junction Capacitance,
f=1MHZ, VR=0VDC
Device Marking
Item
Marking
Eqivalent Circuit diagram
2
1
SD103AWS/SD103BWS
625
Non-Repetitive Peak Forward Surge Current
RMS Reverse Voltage
28
14
1.5
Reverse Current Note(2)
IR
A
IF=20mA
IF=200mA
VF
V
Average Rectified Output Current
IFAV
350
C/W
C
Forward Voltage Note(2)
VR=10V, SD103CWS
VR=30V, SD103AWS
VR=20V,SD103BWS
Cj
PF
Note: 1.Valid provited that leads are kept at ambient tememperature.
2. Pulse Test : Pulse width = 300 s, Duty Cycle 2%
WEITRON
http://www.weitron.com.tw
(2)
Reverse Breakdown Voltage
(IR=100 A)
R JA
30
21
Power Dissipation (1)
mW
200
@t 1.0S
SD103AWS
SD103BWS
SD103CWS
Min
Typ
Max
40
30
20
-
-
-
-
-
-
-
-
-
-
-
-
0.37
0.60
5.0
50
Reverse Recovery Time
I =I =200mA,
F F
I =0.1*I ,R =100
rr
R L
trr
10
ns
SD103AWS
SD103BWS
SD103CWS
S4
P D
S4
S5
S6
SD103CWS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com