Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNL4040 Datasheet HTML 1Page - Vishay Siliconix VCNL4040 Datasheet HTML 2Page - Vishay Siliconix VCNL4040 Datasheet HTML 3Page - Vishay Siliconix VCNL4040 Datasheet HTML 4Page - Vishay Siliconix VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
3
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Notes
(1) Test condition: VDD = 3.3 V, temperature: 25 °C
(2) Maximum detection range to ambient light can be determined by ALS refresh time adjustment. Refer to table “ALS Resolution and Maximum
Detection Range”
(3) Based on IRED on / off duty ratio = 1/40, 1/80, 1/160, and 1/320
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Supply current
Excluded LED driving
IDD
300
μA
Light condition = dark, VDD = 3.3 V
IDD (SD)
0.2
μA
I2C supply voltage
VPULL UP
1.8
3.6
V
ALS shut down
ALS disable, PS enable
IALSSD
200
μA
PS shut down
ALS enable, PS disable
IPSSD
260
μA
I2C signal input
Logic high
VDD = 3.3 V
VIH
1.55
V
Logic low
VIL
0.4
Logic high
VDD = 2.6 V
VIH
1.4
V
Logic low
VIL
0.4
Peak sensitivity wavelength of
ALS
λp
550
nm
Peak sensitivity wavelength of PS
λpps
940
nm
Full ALS counts
16-bit resolution
65 535
steps
Full PS counts
12-bit / 16-bit resolution
4096 / 65 535
steps
ALS sensing tolerance
White LED light source
± 10
%
Detectable
intensity
Minimum
IT = 640 ms, 1 step (1)(2)
0.0125
lx
Maximum
IT = 80 ms, 65 535 step (1)(2)
6553
ALS dark offset
IT = 80 ms, normal sensitivity (1)
03
steps
PS detection range
Kodak white card
0
200
mm
Operating temperature range
Tamb
-40
+85
°C
Cathode (sensor) voltage
2.5
3.6
V
IRED driving current
(3)
200
mA
GND
I2C bus logic
control
ALS
PD
PS
PD
LED driver
PD
buffer
LED_CATHODE
V
DD
SCLK
SDAT
INT
Anode
IRED
PD timing
controller
DSP
Oscilator
Temperature
compensation
Low pass filter
ALS
16-bits
data
buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com