Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4200 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VCNL4200
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4200 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VCNL4200 Datasheet HTML 9Page - Vishay Siliconix VCNL4200 Datasheet HTML 10Page - Vishay Siliconix VCNL4200 Datasheet HTML 11Page - Vishay Siliconix VCNL4200 Datasheet HTML 12Page - Vishay Siliconix VCNL4200 Datasheet HTML 13Page - Vishay Siliconix VCNL4200 Datasheet HTML 14Page - Vishay Siliconix VCNL4200 Datasheet HTML 15Page - Vishay Siliconix VCNL4200 Datasheet HTML 16Page - Vishay Siliconix VCNL4200 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VCNL4200
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 20-Jul-2022
13
Document Number: 84430
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Threshold Window Setting
• ALS Threshold Window Setting (Applying ALS INT)
Register: ALS_THDH_L and ALS_THDH_H define 16-bit ALS high threshold data for LSB byte and MSB byte. Register:
ALS_THDL_L and ALS_THDL_H define 16-bit ALS low threshold data for LSB byte and MSB byte. As long as ALS INT function
is enabled, INT will be asserted once the ALS data exceeds ALS_THDH or goes below ALS_THDL. To easily define the
threshold range, multiply the value of the resolution (lx/step) by the threshold level (refer table 14)
•ALS Persistence
The ALS INT is asserted as long as the ALS value is higher or lower than the threshold window when ALS_PERS
(1 / 2 / 4 / 8 times) is set to one time. If ALS_PERS is set to four times, then the ALS INT will not be asserted if the
ALS value is not over (or lower) than the threshold window for four continued refresh times (integration time)
• Programmable PS Threshold
VCNL4200 provides both high and low thresholds 8-bit data setting for proximity sensor. (register: PS_THDL, PS_THDH) that
fulfills different mechanical designs with the best proximity detection capability for any kind of objects
•PS Persistence
The PS persistence function (PS_PERS 1 / 2 / 3 / 4) helps to avoid false trigger of the PS INT. For example, if
PS_PERS = 3 times, the PS INT will not be asserted unless the PS value is greater than the PS threshold (PS1_THDH)
value for three periods of time continuously
Data Access
All VCNL4200 command registers are readable. To access 16-bit high resolution ALS output data, it is suitable to use read word
protocol to read out data by just one command at register: ALS_Data_L and ALS_Data_H. To represent the 16-bit data of ALS,
it has to apply two bytes. One byte is for LSB, and the other byte is for MSB as shown in table 18. In terms of reading out 8-bit
PS data, host just need to access register: PS_Data.
Interrupt (INT)
VCNL4200 has ALS and PS interrupt feature operated by a single pin “INT”. The purpose of the interrupt feature is to actively
inform the host once INT has been asserted. With the interrupt function applied, the host does not need to constantly poll data
from the sensor, but to only read data from the sensor when receiving interrupt request from the sensor. As long as the host
enables ALS interrupt (register: ALS_INT_EN) or PS interrupt (register: PS_INT) function, the level of INT pin (pin 8) is able to be
pulled low once INT asserted. All of registers are accessible even INT is asserted.
ALS INT asserted when ALS value crosses over the value set by register: ALS_THDH or is lower than the value set by
register: ALS_THDL.
PS INT asserted when PS value crosses over the value set by register: PS_THDH or is lower than the value set by
register: PS_THDL.
Interrupt Flag
Register: INT_Flag represents all of interrupt trigger status for ALS and PS. Any flag value changes from “0” to “1” state, the
level of INT pin will be pulled low. As long as host reads INT_Flag data, the bit will change from “1” state to “0” state after reading
out. The INT level will be returned to high afterwards.
TABLE 14 - ALS RESOLUTION AND MAXIMUM DETECTION RANGE
ALS_IT
SENSITIVITY
(lx/step)
MAXIMUM DETECTION
RANGE
(lx)
ALS_IT
(7 : 6)
INTEGRATION TIME
(0, 0)
50 ms
0.024
1573
(0, 1)
100 ms
0.012
786
(1, 0)
200 ms
0.006
393
(1, 1)
400 ms
0.003
197
TABLE 15 - 16-BIT ALS DATA FORMAT
VCNL4200
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Register
ALS_Data_H
ALS_Data_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com