Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1514X080B Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R1514X080B
Description  150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1514X080B Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R1514X080B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1514X080B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
R1514x-Y
NO. EA-346-140319
21
45
2
03
16
Time t (ms)
30
20
10
0
3
7
5
VIN=8.0V
tr=tf=50
µs
Output Voltage
Output Current
1mA
20mA
R1514x050B
45
2
03
16
Time t (ms)
30
20
10
0
7
11
9
VIN=12.0V
tr=tf=50
µs
Output Voltage
Output Current
1mA
20mA
R1514x090B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com