Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 2 Page - Weitron Technology

Part # SS8550
Description  Plastic-Encapsulate Transistors PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SS8550 Datasheet(HTML) 2 Page - Weitron Technology

  SS8550 Datasheet HTML 1Page - Weitron Technology SS8550 Datasheet HTML 2Page - Weitron Technology SS8550 Datasheet HTML 3Page - Weitron Technology SS8550 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transition Frequency
fT
MHz
Collector-Emitter Saturation Voltage
(IC= -800 mAdc, IB= -80 mAdc)
Base-Emitter Saturation Voltage
(IC= -800 mAdc, IB= -80 mAdc)
hFE(1)
hFE(2)
VCE(sat)
VBE(sat)
Vdc
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
-
-
-
-
-
-
-
100
-
-
SS8550
WEITRON
http://www.weitron.com.tw
(IC= -100 mAdc,VCE=-1.0 Vdc)
(IC= -800 mAdc,VCE= -1.0 Vdc)
85
400
40
-0.5
-1.2
-
Classification of hFE(1)
Rank
B
C
D
Range
85-160
120-200
160-300
E
300-400
TYP
-
DC Current Gain
DC Current Gain
(V =-10V, I =-50mA, f=30 MHz)
CE
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com