Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9410VB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS9410VB
Description  Specification of High Power IR Emitting Diode Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS9410VB Datasheet(HTML) 2 Page - Vishay Siliconix

  TS9410VB Datasheet HTML 1Page - Vishay Siliconix TS9410VB Datasheet HTML 2Page - Vishay Siliconix TS9410VB Datasheet HTML 3Page - Vishay Siliconix TS9410VB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS9410VB
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 06-Feb-18
2
Document Number: 84291
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The measurements are based on samples of die which are mounted on a TO-18 gold header without resin coating
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Relative Spectral Emission
e rel = f ()
Fig. 2 - Radiant Characteristics
Irel = f()
DIMENSIONS
Fig. 3 - Sectional View
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 20 mA
VF
-1.3
-
V
IF = 50 mA
-
1.4
-
Radiant power (1)
IF = 20 mA
e
-8
-
mW
IF = 50 mA
-
20
-
Reverse current
VR = 10 V
IR
--
1
μA
Angle of half intensity
IF = 50 mA
-60
-
deg
Peak wavelength
IF = 50 mA
p
925
940
955
nm
Spectral bandwidth
IF = 50 mA
0.5
-50
-
nm
Rise time / fall time
IF = 50 mA
tr, tf
-10
-
ns
0
10
20
30
40
50
60
70
80
90
100
800
850
900
950
1000
1050
λ - Wavelength (nm)
I
F = 50 mA
0.4
0.2
0
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
90 μm
Bonding area
0.23
typ. 170 μm
n-electrode
p-electrode
p-n junction
(0.26)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com