Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T072AB-LC Datasheet(PDF) 1 Page - Weitron Technology

Part # T072AB-LC
Description  Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

T072AB-LC Datasheet(HTML) 1 Page - Weitron Technology

  T072AB-LC Datasheet HTML 1Page - Weitron Technology T072AB-LC Datasheet HTML 2Page - Weitron Technology T072AB-LC Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEITRON
http://www.weitron.com.tw
Mechanical Data
Feature:
Low Capacitance Bi-Directional Surface
Mount Thyristor Surge Protective Device
IPP
50 / 75 / 100 AMPERES
VDRM
58 - 275 VOLTS
* Peak Off-State Voltage from 58 to 275 Volts
* Meet IEC61000-4-4 & -5 Industry Requirement
* Provides Protection in Accordance with FCC Part 68
, UL1459, Bellcore 1089, ITU-TK.20 & k.21
* Case: JEDEC DO214AA. Molded Plastic Over Glass Passivated Junction
* Terminal: Solder Plated, Solderable per MIL-STD-750, Method 2026
* Standard Packaging: 12mm tape(EIA STD RS-481)
* Weight: 0.093 gram
SMB(DO-214AA)
Lead(Pb)-Free
P b
TO64AB-LC Thru T310AB-LC
TO64BB-LC Thru T310BB-LC
TO64CB-LC Thru T310CB-LC
1/3
16-Sep-05
Unit:mm
SMB
3.30
3.94
4.06
4.80
1.96
2.21
0.15
0.31
5.00
5.59
0.10
0.20
0.76
1.52
2.00
2.62
SMB Outline Dimension
Dim
Min
Max
A
B
C
D
E
G
H
J


Similar Part No. - T072AB-LC

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
T0727J5012AHF ANAREN-T0727J5012AHF Datasheet
314Kb / 6P
Designed for LTE applications
More results

Similar Description - T072AB-LC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
logo
Weitron Technology
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com