Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GIOSF01 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIOSF01
Description  Indoor semi-tight buffered pigtail LSZH jacket 1f SM OS2 G.657.A2.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIOSF01 Datasheet(HTML) 1 Page - Belden Inc.

  GIOSF01 Datasheet HTML 1Page - Belden Inc. GIOSF01 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIOSF01
Indoor semi-tight buffered pigtail LSZH jacket 1f SM OS2 G.657.A2.
Product Description
Indoor semi-tight buffered pigtail with Low Smoke Zero Halogen outer jacket. 1 fiber SM OS2 G.657.A2.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.657A2
1
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OS2
Semi-Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Bulk Cable Weight:
0.67 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1310 nm:
0.40 dB/km
Max. Attenuation at 1550 nm:
0.30 dB/km
Max. Attenuation at 1625 nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1 3 N (1 lbf)
Cable Max. Tensile Strength Operation (Long Term)
IEC 60794-1-21-E1 1 N (0 lbf)
Cable Max. Crush Resistance Installation (Short Term) IEC 60794-1-21-E3 0.5 kN/m


Similar Part No. - GIOSF01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIOSFG1 BELDEN-GIOSFG1 Datasheet
140Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex SM OS2 G.657.A2.
2023 Belden, Inc
GIOSFG1.012100 BELDEN-GIOSFG1.012100 Datasheet
140Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex SM OS2 G.657.A2.
2023 Belden, Inc
GIOSFG1.022100 BELDEN-GIOSFG1.022100 Datasheet
140Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex SM OS2 G.657.A2.
2023 Belden, Inc
More results

Similar Description - GIOSF01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIMTF36 BELDEN-GIMTF36 Datasheet
151Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 36f SM OS2 G.657.A2.
2023 Belden, Inc
GIBTF24 BELDEN-GIBTF24 Datasheet
141Kb / 2P
Indoor tight buffered breakout cable LSZH jacket 24f SM OS2 G.657.A2.
2023 Belden, Inc
GIOTF01 BELDEN-GIOTF01 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f SM OS2 G.657.A2.
2023 Belden, Inc
GIOTFG1 BELDEN-GIOTFG1 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex SM OS2 G.657.A2.
2023 Belden, Inc
GIOTI01 BELDEN-GIOTI01 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f SM OS2 G.657.B3.
2023 Belden, Inc
GIOSA01 BELDEN-GIOSA01 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket 1f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GIOSFG1 BELDEN-GIOSFG1 Datasheet
140Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex SM OS2 G.657.A2.
2023 Belden, Inc
GIOSI01 BELDEN-GIOSI01 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket 1f SM OS2 G.657.B3.
2023 Belden, Inc
GIOTA01 BELDEN-GIOTA01 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GIPTFF1 BELDEN-GIPTFF1 Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex SM OS2 G.657.A2.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com