Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOSD12 Datasheet(PDF) 2 Page - Weitron Technology

Part # WOSD12
Description  Surface Mount TVS Diodes Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WOSD12 Datasheet(HTML) 2 Page - Weitron Technology

  WOSD12 Datasheet HTML 1Page - Weitron Technology WOSD12 Datasheet HTML 2Page - Weitron Technology WOSD12 Datasheet HTML 3Page - Weitron Technology WOSD12 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
Maximum Ratings(TA=25˚C Unless Otherwise Noted)
Characteristic
Symbol
Votle
Unit
PPK
VESD
300
30
260(10s)
W
kV
Operating Temperature Range
Lead Soldering Temperature
ESD Voltage(HBM Waveform per IEC 61000-4-2)
Peak Pulse Power(tP = 8/20μs)
TJ
TL
-55 to +125
°C
Tstg
-55 to +150
°C
°C
WOSD03/WOSD05
WOSD12
ELECTRICAL CHARACTERISTICS ( T = 25˚C)
WOSD03
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
It = 1mA
VRWM = 3.3V
tP = 8/20μs
VR = 0V,f = 1MHz
IPP = 1A,tP = 8/20μs
IPP = 5A,tP = 8/20μs
V
BR
VRWM
-
5
-
-
-
-
3D
-
-
-
-
-
-
4
-
20
7
-
-
8.5
12
350
V
V
μA
V
A
pF
IR
VC
IPP
Cj
Reverse Leakage Current
Clamping Voltage
Peak Pulse Current
Junction Capacitance
Device Marking
Symbol
TYPE NUMBER
Min
Typ
Max
Unit
WOSD05
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
It = 1mA
VRWM = 5V
tP = 8/20μs
VR = 0V,f = 1MHz
IPP = 5A,tP = 8/20μs
IPP = 24A,tP = 8/20μs
V
BR
VRWM
-
6
-
-
-
-
5D
-
-
-
-
-
-
5
-
10
9.8
-
-
14.5
24
350
V
V
μA
V
A
pF
IR
VC
IPP
Cj
Reverse Leakage Current
Clamping Voltage
Peak Pulse Current
Junction Capacitance
Device Marking
Symbol
TYPE NUMBER
Min
Typ
Max
Unit
2/4
Storage Temperature Range
Rev.A 19-Dec-05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com