Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F382 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F382
Description  Arithmetic Logic Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F382 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F382 Datasheet HTML 1Page - NXP Semiconductors 74F382 Datasheet HTML 2Page - NXP Semiconductors 74F382 Datasheet HTML 3Page - NXP Semiconductors 74F382 Datasheet HTML 4Page - NXP Semiconductors 74F382 Datasheet HTML 5Page - NXP Semiconductors 74F382 Datasheet HTML 6Page - NXP Semiconductors 74F382 Datasheet HTML 7Page - NXP Semiconductors 74F382 Datasheet HTML 8Page - NXP Semiconductors 74F382 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F382
Arithmetic logic unit
2
1990 Jul 12
853–0419 99966
FEATURES
• Performs six arithmetic and logic functions
• Selectable Low (clear) and High (preset) functions
• Low-input loading minimizes drive requirements
• Carry output for ripple expansion
• Overflow output for Two’s Complement arithmetic
DESCRIPTION
The 74F382 performs three arithmetic and three logic operations on
two 4-bit words, A and B. Two additional Select (S0–S2) input codes
force the Function outputs Low or High. An overflow output is
provided for convenience in Two’s Complement arithmetic.
A carry output is provided for ripple expansion. For high-speed
expansion using a carry look-ahead generator, refer to the 74F381
data sheet.
Signals applied to the Select inputs, S0–S2, determine the mode of
operation, as indicated in the Function Select Table. An extensive
listing of input and output levels is shown in the Function Table. The
circuit performs the arithmetic functions for either active-HIgh or
active-Low operands, with output levels in the same convention. In
the subtract operating modes, it is necessary to force a carry (High
for active-HIgh operands, Low for active-Low operands) into the Cn
input of the least significant package. Ripple expansion is illustrated
in Figure 1. The overflow output OVR is the Exclusive-OR of Cn+3
and Cn+4; a High signal on OVR indicates overflow in Two’s
complement operation (See Table 2 for Two’s complement
arithmetic). Typical delays for Figure 1 are given in Table 1. When
the 74F382 is cascaded to handle word lengths longer than 4 bits,
only the most significant overflow (OVR) output is used.
PIN CONFIGURATION
20
19
18
17
16
15
14
7
6
5
4
3
2
1
13
8
VCC
A1
B1
A0
B0
S0
S1
S2
F0
F1
GND
A2
B2
A3
B3
Cn
Cn+4
OVR
F3
F2
SF00935
12
9
11
10
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT (TOTAL)
74F382
7.0ns
54mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-pin plastic DIP
N74F382N
SOT146-1
20-pin plastic SO
N74F382D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A3
A operand inputs
1.0/4.0
20
µA/2.4mA
B0 – B3
B operand inputs
1.0/4.0
20
µA/2.4mA
S0 – S2
Function select inputs
1.0/1.0
20
µA/0.6mA
Cn
Carry input
1.0/5.0
20
µA/3.0mA
Cn+4
Carry output
50/33
1.0mA/20mA
OVR
Overflow output
50/33
1.0mA/20mA
F0–F3
Outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com