Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM2004J Datasheet(PDF) 3 Page - Tachyonics CO,. LTD

Part # THM2004J
Description  SiGe HBT MMIC Wideband Linear Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THM2004J Datasheet(HTML) 3 Page - Tachyonics CO,. LTD

  THM2004J Datasheet HTML 1Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 2Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 3Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 4Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 5Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 6Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 7Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin Explanation
Page 3 of 8
60-8, Gasan-dong, Kumchun-Gu,
Seoul, Korea. 153-023
Tel : 82-2-818-9832
Fax : 82-2-818-9635
http://www.tachyonics.co.kr
May. 2004.
Rev. 1.0
PRELIMINARY
Wideband Linear Amplifier
THM2004J
Signal output pin. The inductor
must be connected between
pin VCC and OUT for Output TR
BIAS and output choke. A
internal matching circuit,
configured with resistors,
enables 50 Ω impedance
connection over a wide band.
This pin must be coupled to
next stage input with capacitor
for DC blocking.
-
4.5~5.5
OUT
4
Ground pins. This pins should
be connected to system ground
with minimum inductance.
All the ground pins must be
connected common with wide
ground pattern to minimized
impedance difference
-
0
GND
2
3
5
DC power supply pin. This pin
should be externally connected
to bypass capacitor to minimize
ground impedance.
-
4.5~5.5
VCC
6
Signal Input pin. A internal
matching circuit, configured
with resistors, enables 50 Ω
impedance connection over a
wide band. This pin must be
coupled to signal source with
capacitor for DC blocking.
0.98
-
IN
1
Internal equivalent circuit
Function
Pin
Voltage
[V]
Applied
Voltage
[V]
Pin
Name
Pin
No
①
②
③⑤
④
⑥
Note : Pin voltage is measured at Vcc = 5.0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com