Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GIPT1C2 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPT1C2
Description  Indoor tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM1. CPR Eca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPT1C2 Datasheet(HTML) 1 Page - Belden Inc.

  GIPT1C2 Datasheet HTML 1Page - Belden Inc. GIPT1C2 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPT1C2
Indoor tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM1. CPR
Eca.
Product Description
Indoor tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 2.0mm duplex zipcord MM OM1. CPR Euroclass Eca.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor - Euroclass Eca
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM1
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
8.7 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) Orange 2.0 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
3.4 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 60 mm
IEC 60794-2-10
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
450 N (101 lbf)
IEC 60794-2-10
Cable Max. Tensile Strength Operation (Long Term)
IEC 60794-1-21-E1
150 N (34 lbf)
IEC 60794-2-10


Similar Part No. - GIPT1C2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPT1C1 BELDEN-GIPT1C1 Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm simplex MM OM1.
01-19-2023
GIPT1C1.002100 BELDEN-GIPT1C1.002100 Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm simplex MM OM1.
01-19-2023
GIPT1CH BELDEN-GIPT1CH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm heavy DX MM OM1.
01-20-2023
More results

Similar Description - GIPT1C2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPS1B2 BELDEN-GIPS1B2 Datasheet
167Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 1.8mm DX Zip MM OM1.CPR Eca.
2023 Belden, Inc
GIPS1C2 BELDEN-GIPS1C2 Datasheet
167Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM1.
2023 Belden, Inc
GIPS1E2 BELDEN-GIPS1E2 Datasheet
168Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.8mm DX Zip MM OM1.CPR Eca.
2023 Belden, Inc
GIPS1F2 BELDEN-GIPS1F2 Datasheet
167Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM1.CPR Eca.
2023 Belden, Inc
GIPT1B2 BELDEN-GIPT1B2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm DX Zip MM OM1.
01-19-2023
GIPT1E2 BELDEN-GIPT1E2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.8mm DX Zip MM OM1.
01-19-2023
GIPT1F2 BELDEN-GIPT1F2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM1.
01-20-2023
GIPT1H2 BELDEN-GIPT1H2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.1mm DX Zip MM OM1.
01-20-2023
GIPT2C2 BELDEN-GIPT2C2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM2. CPR Eca.
01-20-2023
GIPTDC2 BELDEN-GIPTDC2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM3. CPR Eca.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com