Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N74F393D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # N74F393D
Description  Dual 4-bit binary ripple counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F393D Datasheet(HTML) 3 Page - NXP Semiconductors

  N74F393D Datasheet HTML 1Page - NXP Semiconductors N74F393D Datasheet HTML 2Page - NXP Semiconductors N74F393D Datasheet HTML 3Page - NXP Semiconductors N74F393D Datasheet HTML 4Page - NXP Semiconductors N74F393D Datasheet HTML 5Page - NXP Semiconductors N74F393D Datasheet HTML 6Page - NXP Semiconductors N74F393D Datasheet HTML 7Page - NXP Semiconductors N74F393D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74F393
Dual 4-bit binary ripple counter
1988 Nov 01
3
LOGIC DIAGRAM
Q0n
3, 11
Q1n
4, 10
Q2n
5, 9
Q3n
6, 8
2, 12
CPn
MRn
VCC = Pin 14
GND = Pin 7
SF00707
CP
Q
RD
J
CP
Q
RD
J
CP
Q
RD
J
CP
Q
RD
J
1, 13
Q
KQ
KQ
K
Q
K
FUNCTION TABLE
COUNT
OUTPUTS
COUNT
Q0n
Q1n
Q2n
Q3n
0
L
L
L
L
1
H
LLL
2
L
HL
L
3
H
HL
L
4
L
L
H
L
5
H
LHL
6
L
HH
L
7
H
HH
L
8
L
L
L
H
9
H
LL
H
10
L
HLH
11
H
HLH
12
L
L
H
H
13
H
LH
H
14
L
HHH
15
H
H
H
H
H = High voltage level transition
L = Low voltage level
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com