Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP123.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP123..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP123.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP123.. Datasheet HTML 1Page - Vishay Siliconix TSOP123.. Datasheet HTML 2Page - Vishay Siliconix TSOP123.. Datasheet HTML 3Page - Vishay Siliconix TSOP123.. Datasheet HTML 4Page - Vishay Siliconix TSOP123.. Datasheet HTML 5Page - Vishay Siliconix TSOP123.. Datasheet HTML 6Page - Vishay Siliconix TSOP123.. Datasheet HTML 7Page - Vishay Siliconix TSOP123.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP121.., TSOP123.., TSOP125.., TSOP141.., TSOP143.., TSOP145..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.8, 17-Aug-2022
2
Document Number: 82804
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning for TSOP14...:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP12...:
1 = OUT, 2 = VS, 3 = GND
ORDERING CODE
TSOP12..., TSOP14... - 2160 pieces in tubes
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
23198
1
2
3
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC1)
ENHANCED NOISE SUPPRESSION
(AGC3)
MAXIMIZED NOISE
SUPPRESSION (AGC5)
Carrier
frequency
30 kHz
TSOP14130
TSOP12130
TSOP14330
TSOP12330
TSOP14530
TSOP12530
33 kHz
TSOP14133
TSOP12133
TSOP14333
TSOP12333
TSOP14533
TSOP12533
36 kHz
TSOP14136
TSOP12136
TSOP14336 (1)(5)
TSOP12336 (1)(5)
TSOP14536
TSOP12536
38 kHz
TSOP14138
TSOP12138
TSOP14338 (2)(4)
TSOP12338 (2)(4)
TSOP14538
TSOP12538
40 kHz
TSOP14140
TSOP12140
TSOP14340
TSOP12340
TSOP14540
TSOP12540
56 kHz
TSOP14156
TSOP12156
TSOP14356 (3)
TSOP12356 (3)
TSOP14556
TSOP12556
Package
Mold
Pinning
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
Dimensions (mm)
6.0 W x 6.95 H x 5.6 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) RCMM (2) RECS-80 Code (3) r-map (4) XMP (5 MCIR
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical filter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com