Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP142.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP142..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP142.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP142.. Datasheet HTML 1Page - Vishay Siliconix TSOP142.. Datasheet HTML 2Page - Vishay Siliconix TSOP142.. Datasheet HTML 3Page - Vishay Siliconix TSOP142.. Datasheet HTML 4Page - Vishay Siliconix TSOP142.. Datasheet HTML 5Page - Vishay Siliconix TSOP142.. Datasheet HTML 6Page - Vishay Siliconix TSOP142.. Datasheet HTML 7Page - Vishay Siliconix TSOP142.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP122.., TSOP124.., TSOP126.., TSOP142.., TSOP144.., TSOP146..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.0, 16-Aug-2022
2
Document Number: 82803
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning for TSOP14...:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP12...:
1 = OUT, 2 = VS, 3 = GND
ORDERING CODE
TSOP12..., TSOP14... - 2160 pieces in tubes
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
23198
1
2
3
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC2)
ENHANCED NOISE SUPPRESSION
(AGC4)
MAXIMIZED NOISE
SUPPRESSION (AGC6)
Carrier
frequency
30 kHz
TSOP14230
TSOP12230
TSOP14430
TSOP12430
TSOP14630
TSOP12630
33 kHz
TSOP14233
TSOP12233
TSOP14433
TSOP12433
TSOP14633
TSOP12633
36 kHz
TSOP14236
TSOP12236
TSOP14436 (4)(6)
TSOP12436 (4)(6)
TSOP14636 (5)
TSOP12636 (5)
38 kHz
TSOP14238
TSOP12238
TSOP14438 (2)(3)(9)(10)
TSOP12438 (2)(3)(9)(10)
TSOP14638
TSOP12638
40 kHz
TSOP14240 (11) TSOP12240 (11)
TSOP14440
TSOP12440
TSOP14640
TSOP12640
56 kHz
TSOP14256 (1)
TSOP12256 (1)
TSOP14456 (8)
TSOP12456 (8)
TSOP14656 (7)
TSOP12656 (7)
Package
Mold
Pinning
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
Dimensions (mm)
6.0 W x 6.95 H x 5.6 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) Cisco (2) Mitsubishi (3) NEC (4) Panasonic (5) RC-5 (6) RC-6
(7) RCA (8) r-step (9) Sejin 4PPM (10) Sharp (11) Sony
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical filter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com