Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP132..P16TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP132..P16TR
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP132..P16TR Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP132..P16TR Datasheet HTML 1Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 2Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 3Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 4Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 5Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 6Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 7Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 8Page - Vishay Siliconix TSOP132..P16TR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSOP132..P16TR, TSOP134..P16TR, TSOP136..P16TR
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1225-2022-REV-HS1
Rev. 1.3, 28-Sep-2022
2
Document Number: 82877
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning for TSOP13...P16TR:
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSOP13...P16TR - 500 pieces in tape and reel
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
1
2
3
23197
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC2)5
ENHANCED NOISE SUPPRESSION
(AGC4)
MAXIMIZED NOISE SUPPRESSION
(AGC6)
Carrier
frequency
30 kHz
TSOP13230P16TR
TSOP13430P16TR
TSOP13630P16TR
33 kHz
TSOP13233P16TR
TSOP13433P16TR
TSOP13633P16TR
36 kHz
TSOP13236P16TR
TSOP13436P16TR (4)(6)
TSOP13636P16TR (5)
38 kHz
TSOP13238P16TR
TSOP13438P16TR (2)(3)(9)(10)
TSOP13638P16TR
40 kHz
TSOP13240P16TR (11)
TSOP13440P16TR
TSOP13640P16TR
56 kHz
TSOP13256P16TR (1)
TSOP13456P16TR (8)
TSOP13656P16TR (7)
Package
Minimold
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.4 W x 6.35 H x 4.9 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) Cisco (2) Mitsubishi (3) NEC (4) Panasonic (5) RC-5 (6) RC-6
(7) RCA (8) r-step (9) Sejin 4PPM (10) Sharp (11) Sony
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical filter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com